Electronic Components Datasheet Search
  English  ▼

X  

8619 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Paddle-wheel sensor for low-flow rates
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8619 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type 8031
3 | 8
Visit product website 
1.
General technical data
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 4.
Wetted parts
Axis
Coated stainless steel or sapphire
Bearing
POM or Rubin
Paddle-wheel
POM or ECTFE
Magnet
ECTFE encapsuled or blank
Sensor housing
POM or ECTFE
Seal
FKM, EPDM or FFKM
Dimensions
Further information can be found in chapter “4. Dimensions” on page 5.
Measuring principle
Paddle wheel
Measuring range
• 10…100 l/h (2.6…27 gph)
• 20…250 l/h (5.3…66 gph)
Standard K factor
• 10200 pulse/litre (range 10…100 l/h)
• 3400 pulse/litre (range 20…250 l/h)
Further information can be found in chapter “5.2. Flow characteristic” on page 7.
Performance data
Measurement deviation
± 2 % of full scale
Repeatability
± 0.8 % of full scale
Pressure loss
Further information can be found in chapter “5.1. Pressure loss diagram” on page 6.
Electrical data
Operating voltage
5…24 V DC
Current consumption
Max. 11 mA at 24 V DC
Output
• Push-pull (complementary output) between V+ (white wire) and signal (green wire) or between GND
(brown wire) and signal (green wire)
• Frequency: 0…300 Hz
Medium data
Fluid temperature
0…80 °C (+ 32…+ 176 °F)
Fluid pressure
Max. 10 bar (145 PSI) at 20 °C (68 °F)
Viscosity
1…10 cSt.
Process/Pipe connection & communication
Pipe connection
• G ¼"
• Tube spigot 8/6 mm
• Tube spigot 9 mm
Electrical connection
Cable, 1 m length (3 × 0.14 LiYY)
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.2. Standards” on page 4.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.3. Pressure
Equipment Directive (PED)” on page 4.
Environment and installation
Ambient temperature
• Operation: 0…+ 80 °C (+ 32…+ 176 °F)
• Storage: - 10…+ 80 °C (+ 14…+ 176 °F)
Degree of protection according
to IEC/EN 60529
IP65



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com