Electronic Components Datasheet Search
  English  ▼

X  

8050 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8050
Description  COMPACT flow measuring device
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8050 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8050 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8050 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 8050
7 | 11
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.
Dimensions
4.1. Flowmeter with external thread pipe connection
Note:
Dimensions in mm, unless otherwise stated
L1
L
L4
I
K
L2
=
=
L3
DN
H
H1
L
L1
L2
L3
Ø D
D1 [inch]
I
K
15
56
43
110
73
40.5
M12 x 1
12
G ½"
56
AF 24
20
56
43
110
73
40.5
M12 x 1
15
G ¾"
56
AF 27
25
56
43
110
73
40.5
M12 x 1
15
G 1"
56
AF 27
50
86
58
200
113
80
M12 x 1
43
G 2"
86
AF 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com