Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Inline flowmeter or Inline batch controller, with paddle wheel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Type 8035
21 | 23
Visit product website 
9.
Product design and assembly
9.1. Product assembly
Note:
• The device Type 8035 is made up of a Bürkert Inline sensor-fitting Type S030 equipped with a paddle wheel sensor and a transmitter
Type SE35.
• The electronic housing of the Type 8035 integrates the electronic board with display, setting parameter keys as well as a transducer (coil
for battery indicator/totalizer variant or Hall for the other variants).
• The Inline sensor-fitting Type S030 ensures simple installation into pipes from DN 06…DN 65. The transmitter Type SE35 can be
mounted on any Inline sensor-fitting Type S030 and fastened with a bayonet catch, see data sheet Type S030  for more information.
Inline
sensor-fitting
Type S030
Transmitter
Type SE35
10. Networking and combination with other Bürkert products
10.1. Flowmeter with a standard output signal
Example:
Type 8035
4…20 mA output
Pulse output
Relay output
Type 8802 
(2301 & 8693)
ELEMENT Continuous control valve systems
Type 6212 
Servo-assisted 2/2-way diaphragm valve
Type 6281 
Servo-assisted 2/2-way diaphragm valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com