Electronic Components Datasheet Search
  English  ▼

X  

2301 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Type 8692
4 | 17
Visit product website 
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 7 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C)
Oil content
Class X (< 25 mg/m3)
Air supply filter
Exchangeable
Mesh size
~0.1 mm
Supply pressure
Low air capacity
0…7 bar 1.)
High air capacity
3…7 bar
Pilot air port
Threaded port G ⅛, stainless steel
Positioning system
Low air capacity
Single-acting and double-acting
7 l
N/min for aeration and ventilation (QNn value according to definition at pressure drop from
7 to 6 bar abs)
Actuator series/size
Type 23xx, Ø actuator 70/90 mm
High air capacity
Single acting
130 l
N/min for aeration and ventilation (QNn value according to definition at pressure drop from
7 to 6 bar abs)
Actuator series/size
Type 23xx, Ø actuator 70/90/225 mm
Type 27xx, Ø actuator 175/225 mm
Approvals and conformities
Explosion protection
Ignition protection class
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
ATEX
BVS 14 ATEX E 008 X
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
IECEx
IECEx BVS 14.0009 X
Ex tc IIIC T135 °C Dc
Ex ec IIC T4 Gc
Further information can be found in chapter “2.4. Explosion protection” on page 5.
North America (USA/Canada)
UL Listed for the USA and Canada
cULus certificate: E238179
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 5.
FM Explosion Protection
Increased Safety for Class I, Zone 2, AEx ec IIC T4 Gc hazardous (classified) locations, indoors
and outdoors (IP54). Alternatively marked as Class I Division 2 Groups A, B, C, and D; T4.
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 5.
Others
China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in
China. Further information can be found in chapter “2.6. Others” on page 5.
Further information can be found in chapter “2. Approvals and conformities” on page 5.
Environment and installation
Operating conditions
Ambient temperature
- 10…+ 55 ºC
Degree of protection
IP65/IP67 according to EN 60529, 4X according to NEMA 250 Standard
Operating altitude
Up to 2000 m above sea level
Installation and mechanical data
Installation position
As required, preferably with actuator in upright position
Valve actuator (type, size)
ELEMENT Type 23xx (actuator size Ø70/90/130/225 mm)
CLASSIC Type 27xx (actuator size Ø175/225 mm)
Adapter kit
Further information can be found in chapter “Adapter kits” on page 17.
1.) The supply pressure applied must be 0.5 to 1 bar above the minimum required pilot pressure of the valve actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com