Electronic Components Datasheet Search
  English  ▼

X  

6013 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 6013
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6013 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 6013 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Type 8741
20 | 24
Visit product website 
5.4. Modbus RTU
D-Sub, 9-pin, plug
Pin
Assignment
1
2
3
4
5
6
7
8
9
1
Not connected
2
GND
3
24 V
4
Not connected
5
Not connected
6
RS485-Y
7
RS485-Z
8
RS485-B
9
RS485-A
Housing Shielding
6.
Performance specifications
6.1. MFM pressure loss diagram
The diagram shows an example of the pressure loss characteristics when air flows through. To determine the pressure loss of other gases,
the corresponding air equivalent must first be calculated and the base block used for the other gas taken into account.
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Q [l
N/min]
G 3/4
Sub-base
G 1/4
G 3/8
G 1/2
Sub-base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com