Electronic Components Datasheet Search
  English  ▼

X  

6027 Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

Part # 6027
Description  Mass flow controller (MFC) / Mass flow meter (MFM) for gases
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6027 Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button 6027 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Type 8746
32 | 38
Visit product website 
6.
Performance specifications
6.1. MFM pressure loss diagram
The diagram shows an example of the pressure loss characteristics when air flows through. To determine the pressure loss of other gases,
the corresponding air equivalent must first be calculated and the base block used for the other gas taken into account.
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
0
100
200
300
400
500
600
700
800
900
1000 1100 1200 1300 1400 1500
G 1/4
G 3/8
G 1/2
G 3/4
G 1
Q [l
N/min]
6.2. Nominal flow range of typical gases
Note:
• All values refer to 1013.25 mbar abs and 273.15 K (0 °C) (Index N)
• Other gases and gas mixtures are possible on request.
Gas
Min. Q
Nom
Max. Q
Nom
[l
N/min]
[l
N/min]
Acetylene
20
320 (from 65 l
N/min with air calibration)
Ammonia
8
1000
Argon
20
1600
Carbon dioxide
20
800
Air
20
2500
Methane
20
1200
Propane
20
200
Oxygen
20
2500
Nitrogen
20
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com