Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass flow controller (MFC) / Mass flow meter (MFM) for gases
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  0330 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Type 8746
4 | 38
Visit product website 
1.
General technical data
1.1. General
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8.
Material
Seal
FKM or EPDM (depending on gas) 1.)
Housing
Die-cast aluminium (coated)
Base block
Aluminium or stainless steel 1.4404/316L
Configuration management
Further information can be found in chapter “9.3. Configuration management for easy
device replacement” on page 36.
Electrical data
Operating voltage
24 V DC
Residual ripple
± 2 %
Voltage tolerance
± 10 %
Electrical connection
büS/CANopen variant
M12 plug, 5-pin
Analogue variant
M12 plug, 5-pin, M12 socket, 5-pin
Industrial Ethernet variant
M12 plug, 5-pin, 2 x M8 socket, 4-pin
PROFIBUS-DP variant
M12 plug, 5-pin, M12 socket, 5-pin
Medium data
Operating medium
Neutral, pure gases (others on request)
Calibration medium
Operating medium or air
Medium temperature
- 10 °C 2.)…+ 70 °C (- 10 °C 2.)…+ 60 °C with oxygen)
Process/Port connection & communication
Analogue interface
4…20 mA, 0…20 mA, 0…10 V or 0…5 V
Input impedance: > 20 kΩ (voltage) resp. < 300 Ω (current)
Maximum current: 10 mA (voltage output)
Maximum load: 600 Ω (current output)
Digital communication interface
büS/CANopen, EtherCAT®, EtherNet/IP, PROFIBUS-DP
Port connection
G or NPT ¼", ⅜", ½", ¾", 1", sub-base
Environment and installation
Installation position
Horizontal or vertical
Ambient temperature
- 10 °C…+ 50 °C (higher temperatures on request)
Accessories
Software
Bürkert Communicator
Further information can be found in chapter “9.1. Bürkert Communicator software” on
page 35.
1.) In addition, when using the electromotive proportional valve:
- Type 3280 DN4: PEEK valve seat seal
- Type 3285: Al
2O3 valve seat seal
2.) When using the electromotive proportional valve, the minimum medium temperature is 0 °C.
1.2. Variant with electromagnetic proportional valve
Type 8746 can be configured as MFC or MFM as required. The MFC variant uses direct-acting proportional valves of the 287x series. These
electromagnetic proportional valves are normally closed and stand for highest measuring accuracy and repeatability with settling times
resp. response times of a few hundred milliseconds.
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8.
Total weight
Approx. 1800 g (aluminium, 16 W valve)
Approx. 3100 g (stainless steel, 16 W valve)
LED display 1.)
RGB LED according to NAMUR NE107
Control valve (proportional valve)
Normally closed
Valve orifice
0.8…12 mm
K
VS value range
0.02…2.5 m3/h
Performance data
Nominal flow range (Q
nom)
20…1500 l
N/min (N2)
MFM up to 2500 l
N/min (N2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com