Electronic Components Datasheet Search
  English  ▼

X  

0290 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0290
Description  Mass flow controller (MFC) / Mass flow meter (MFM) for gases
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0290 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0290 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0290 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Visit product website 
DATA SHEET
Type 6013
Plunger valve 2/2-way
direct-acting
Type 6027
Direct-acting 2/2-way
plunger valve
Type 0330
Direct-acting 2/2 or
3/2-way pivoted armature
valve
Type 0290
Servo-assisted 2/2-way
diaphragm valve
Type ME43
Fieldbus gateway
Type ME63
Industrial Ethernet
gateway, IP65/ IP67/
IP69k
Standard | EU | en | 2024-01-16 | 22
Mass flow controller (MFC) / Mass flow meter (MFM) for
gases
• Nominal flow ranges from 20 l/min up to 2500 l/min
• High measuring accuracy and repeatability with very fast response
times
• Long-term stability of the flow calibration
• Simpler device exchange due to configuration memory
• Optional: ATEX II Cat. 3G/D or USP Class VI, FDA, EC 1935 conformity
The mass flow controller (MFC) / mass flow meter (MFM) Type 8746 for gases is
suitable for a wide range of applications, e.g. metal and glass manufacturing or
processing, fermentation processes, test benches or filling systems and packaging
machines. Type 8746 is available in two variants: A variant with several analogue or
digital (communication) interfaces and a variant with a pure CANopen-based inter-
face. The latter is suitable for integration in existing CANopen networks or - in
combination with a Bürkert fieldbus gateway - for integration in all common indus-
try standards for Industrial Ethernet or fieldbus. This variant is tailor-made for appli-
cations with many control loops. Up to 32 MFCs / MFMs can be connected to one
fieldbus gateway. The gateway transmits the internal CANopen-based communi-
cation to Industrial Ethernet and fieldbus standards. The mass flow controller /
mass flow meter can always be switched between büS and CANopen communica-
tion. Type 8746 can be configured as an MFM or an MFC according to demand.
Optionally, up to four calibration curves can be stored in the device. The thermal
inline sensor is located directly in the main flow and achieves fast response times
and a high level of measuring accuracy with long-term stable calibration. As the
actuator, a Bürkert direct-acting, electromagnetic proportional valve or motor valve
guarantees high response sensitivity. The integrated PI controller ensures excellent
control characteristics of the MFC. Type 8746 is characterised by low pressure
drop, even at high flow rates, and is especially designed for use in harsh environ-
ments thanks to its high IP protection class and explosion protection.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8746
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0290

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
0290 BURKERT-0290 Datasheet
969Kb / 10P
Servo-assisted 2/2-way diaphragm valve
15.12.2021
0290 BURKERT-0290 Datasheet
3Mb / 26P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
logo
Mill-Max Mfg. Corp.
0290-0-00-01-00-00-03-0 MILL-MAX-0290-0-00-01-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-15-00-00-03-0 MILL-MAX-0290-0-00-15-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-21-00-00-03-0 MILL-MAX-0290-0-00-21-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
More results

Similar Description - 0290

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com