Electronic Components Datasheet Search
  English  ▼

X  

PDTA124EK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA124EK
Description  PNP resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA124EK Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA124EK Datasheet HTML 1Page - NXP Semiconductors PDTA124EK Datasheet HTML 2Page - NXP Semiconductors PDTA124EK Datasheet HTML 3Page - NXP Semiconductors PDTA124EK Datasheet HTML 4Page - NXP Semiconductors PDTA124EK Datasheet HTML 5Page - NXP Semiconductors PDTA124EK Datasheet HTML 6Page - NXP Semiconductors PDTA124EK Datasheet HTML 7Page - NXP Semiconductors PDTA124EK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 May 18
4
Philips Semiconductors
Product specification
PNP resistor-equipped transistor
PDTA124EK
Fig.3
DC current gain as a function of collector
current; typical values.
VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MBK790
(1)
(3)
−10−1
−1
−10
−102
IC (mA)
hFE
103
10
102
1
(2)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
−1
−10−1
−10−2
MBK789
−10−1
−1
−10
−102
IC (mA)
VCEsat
(V)
(2)
(3)
(1)
Fig.5
Input-off voltage as a function of collector
current; typical values.
VCE = −5V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
−10
−1
−10−1
MBK792
−10−2
−10−1
−1
−10
IC (mA)
Vi(off)
(V)
(2)
(3)
(1)
Fig.6
Input-on voltage as a function of collector
current; typical values.
VCE = −0.3 V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
−102
−1
−10
−10−1
MBK791
−10−1
−1
−10
−102
IC (mA)
Vi(on)
(V)
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com