Electronic Components Datasheet Search
  English  ▼

X  

BUS Datasheet(PDF) 42 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 42 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 42Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Type büS
Appendix
42
15.4
Accessories - extension cables
Accessories - extension cables
Bürkert order no.
büS extension cable 0.1 m
00772492
büS extension cable 0.2 m
00772402
büS extension cable 0.5 m
00772403
büS extension cable 1 m
00772404
büS extension cable 3 m
00772405
büS extension cable 5 m
00772406
büS extension cable 10 m
00772407
büS extension cable 20 m
00772408
Tab. 11: Extension cables
15.5
Accessories - power supplies
Accessories - power supplies
Bürkert order no.
Power supply, 1A, NEC Class 2
00772361
Power supply, 2A, NEC Class 2
00772362
Power supply, 3.8A, NEC Class 2
00772898
Power supply, 10A
00772698
Tab. 12: Power supplies
15.6
Accessories - power cables
Accessories - power cables (L-coded M12 plug to M12 socket, 4-pin)
Bürkert order no.
Power cable, L-coded, 1 m
00775061
Power cable, L-coded, 3 m
00775063
Power cable, L-coded, 5 m
00775064
Power cable, L-coded, 10 m
00775065
Tab. 13: Power cables
Further accessories available on the Bürkert homepage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com