Electronic Components Datasheet Search
  English  ▼

X  

MS04 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # MS04
Description  Online Analysis System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

MS04 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  MS04 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG MS04 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Type 8905
4 | 12
Visit product website 
Connection & communication
Sensor cube
• Max. 6 internal sensor cubes, max. 2 measurement water
• Max. connection of 30 external sensor cubes via Bürkert-Systembus (büS)
• Max. büS length 100 m (without T-connections)
Electrical connection
• Housing containing the electronic modules: 2 terminal blocks
– male terminal block to connect the power supply to the system
– female terminal block to feed the power supply to the sensor modules
• Housing containing the sensor modules: 2 M12 connectors
– male M12 connector to connect the power supply for the sensor modules
– female M12 connector to connect the power supply to an external device.
Approvals and Certificates
Directives
CE directive
The applied standards, which verify conformity with the EU Directives, can be found on the
EU Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
Environment and installation
Installation
Wall mount unit, click system with wall-mounting bracket
Ambient temperature
• Operation: + 3…+ 40 °C (+ 37…+ 104 °F)
• Storage: - 20…+ 70 °C (- 4…+ 140 °F) (without sensor cube)
Relative air humidity
< 95 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application area
Indoor
Degree of protection according to
IEC/EN 60529
IP65 with closed and tight housings
Installation category
• With an AC switched-mode power supply: category II, according to UL/EN 61010-1
• With a direct DC power supply: Category I, according to UL/EN 61010-1
Pollution degree
Degree 2, according to UL/EN 61010-1 with closed and tight housings
1.) When a chlorine sensor cube is present within the system: pH value is restricted to pH 5…pH 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com