Electronic Components Datasheet Search
  English  ▼

X  

8619 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 8619 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Type 8793
20 | 31
Visit product website 
EtherNet/IP, PROFINET, Modbus TCP connection
4
3
1
2
M12 fieldbus connection
(2 Port Ethernet switches)
1
2
3
4
5
6
7
8
M8 circular connection
4 pin
2
4
3
1
4
2
1
3
M8 Socket,
4 pin, optional (only
by remote version)
M12 Circular
connection, 8 pin
M12 fieldbus connection, D-coded
Connection for EtherNet/IP takes place via M12 circular connector , 4-pin, D-coded
4
3
1
2
Pin
Description
1
Transmit +
2
Receive +
3
Transmit –
4
Receive –
Operating voltage, M12 circular plug, 8-pin
Pin
Pin assignment
Device side
Outer circuitry/Signal level
1
Not assigned
2
Not assigned
Operating voltage
3
GND
3
24 V DC ± 10 %
Maximum residual ripple 10 %
4
+ 24 V
4
Input signal of the control centre (e. g. SPS)
5
Digital input +
5
+
0…5 V (log “0”)
10…30 V (log “1”)
6
Digital input GND
6
GND (identical to pin 3)
Output signal of the control centre (e. g. SPS) (only used with digital outputs option)
7
Digital outputs 1 (relative to pin 3)
7
0…24 V
8
Digital outputs 2 (relative to pin 3)
8
0…24 V
Connection of digital remote position sensor Type 8798, M8 socket, 4-pin (optional)
Pin
Pin assignment
Outer circuitry/Signal level
1
Sensor supply +
S +
+
Remote
sensor
Type 8798
2
Sensor supply –
S –
–
3
Serial interface, A-line
A
A-line
4
Serial interface, B-line
B
B-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com