Electronic Components Datasheet Search
  English  ▼

X  

8920 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8920
Description  Online Analysis System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8920 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8920 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Type 8905
7 | 12
Visit product website 
4.
Product design and assembly
4.1. Product assembly
Housing for the electric modules
The device is always equipped with the following electronic modules:
• HMIU (Human Machine Interface Unit) incl. USB slot and Ethernet connection
• 7" touchscreen incl. USB slot
• Option: PSU mains supply 100…240 V AC
• 2 x büS connector
A total of 7 slots (5 for 230 V/115 V AC variant) are available for electronic modules:
• Digital and analogue inputs and outputs
• Fieldbus gateway
The main housing parts for the electric modules are shown in the following drawing.
Depending on the configuration of the device and for a complete description and for the technical data related to the electronic mod-
ules, refer to the data sheets of each electronic modules.
See data sheet Type ME2X  for more information.
AC power supply module
(depends on the version)
HMIU module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com