Electronic Components Datasheet Search
  English  ▼

X  

6STF09PAM03B30X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6STF09PAM03B30X
Description  D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6STF09PAM03B30X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6STF09PAM03B30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6STF09PAM03B30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6STF09PoM03B30X
CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1164
A3
1/2
D-SUB FILTER MALE
SEE NOTES
Henneboel
25.09.12
26.09.12
Fischer
9pos. SOLDER CUP
with threaded insert and hexlocking screw
2:1 (5:1)
6STF09P M03B30X
a
Original
16,84 - 0,05
0,2
+
39,4 - 0
0,3
+
SEE NOTE 16
O-RING
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
SEALING
COMPOUND
SEE NOTE 6
4-40 UNC
0,65 `0,05
n
(9x)
8,26 - 0,03
0,22
+
( 5 : 1 )
10°
POS. 1
POS. 6
NOTES:
1. RECOMMENDED SOLDER INSTRUCTION SEE SHEET 2
2. METALSHELLS: COPPER ALLOY; min. 320µin TIN over 40-80µin NICKEL
3. INSULATORS: HIGH TEMPERATURE PLASTIC UL 94 V-0, BLACK
4. SIGNAL CONTACTS: COPPER ALLOY; PLATING (SEE PART NO):
PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
SOLDER CUP ACCEPTS CABLE AWG 26
5. THREADED INSERTS: COPPER ALLOY; min 200µin TIN over 80µin NICKEL
6. FRAME: ZINC DIE CAST; NICKEL PLATED
7. RUBBER-GASKET: TPE; BLACK
8. COLLARS: COPPER ALLOY; min 200µin TIN over 80µin NICKEL
9. HEXLOCKING SCREW: STAINLESS STEEL
10. O-RING: SILICON; BLUE
11. SEALING COMPOUND: PUR; BLUE
12. CAPACITANCE: 370pF`20%
13. DIELECTRIC WITHSTANDING VOLTAGE: 424 VDC
14. RECOMMENDED PANEL CUT-OUT on SHEET 2
15. RECOMMENDED TORQUE FOR MOUNTING SCREW 35N cm (3.1 in.LB) /
max. 40N cm (3,5 in. LB)
16. CONNECTOR IS PART MARKED: 6STF09PoM03B30X CONEC ABC (see note 4)
o
o
o
4,8
SW
FILTER IS TOTALLY GUARDED AGAINST HUMIDITY.
WATER COULD PENETRATE INTO THE MATING AREA.
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
Directive 2002/95/EC RoHS compliant
o
(see note 4)
4-40 UNC
25 - 0,13
0,12
+


Similar Part No. - 6STF09PAM03B30X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6STF09PAM03B30X CONEC-6STF09PAM03B30X Datasheet
232Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
26.09.12
More results

Similar Description - 6STF09PAM03B30X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6STF09PBM01B30X CONEC-6STF09PBM01B30X Datasheet
185Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
25.03.11
6STF09PBM04B50X CONEC-6STF09PBM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STF09PCM04B50X CONEC-6STF09PCM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STD09PAM99B20X CONEC-6STD09PAM99B20X Datasheet
171Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
10.02.11
6STD09PAM99B30X CONEC-6STD09PAM99B30X Datasheet
244Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
02.08.12
6STD09PAM99B40X CONEC-6STD09PAM99B40X Datasheet
375Kb / 2P
D-SUB Male 9pos. Solder cup with threaded lock and hexlocking screw
19.03.10
6STD09PAM99B50X CONEC-6STD09PAM99B50X Datasheet
1Mb / 2P
D-SUB Male 9pos. Solder cup with threaded lock and hexlocking screw
13.02.2014
6STD09SAM99B20X CONEC-6STD09SAM99B20X Datasheet
201Kb / 2P
D-SUB FEMALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
16.01.08
6STD09SAM99B30X CONEC-6STD09SAM99B30X Datasheet
417Kb / 2P
D-SUB Female 9pos. Solder cup with threaded insert and hexlocking screw
21.03.17
6STD09SBM99B30X CONEC-6STD09SBM99B30X Datasheet
417Kb / 2P
D-SUB Female 9pos. Solder cup with threaded insert and hexlocking screw
21.03.17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com