Electronic Components Datasheet Search
  English  ▼

X  

00772413 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 00772413
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772413 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772413 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 00772413 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Type büS
Detailed project plan 2
21
8
DETAILED PROJECT PLAN 2
8.1
Completion – floor plan
A cabling plan using the accessories, cables lengths, topology, junction box, Y-connector, termination res-
istor and a diagnostics port must be created.
8.1.1
Network with a junction box
Termination resistor
Junction box
Device 1
Device 3
Device 4
Device 5
Device 6
Device 7
Device 2
5 m
1 m
1 m
1 m
1 m
1 m
7 m
0,5 m
TR
Diagnostics
TR
TR
Fig. 19: Network with a junction box
In a network with a passive junction box, the termination resistors are connected to the devices with the
longest distance to each other.
8.1.2
Network with Y-connectors
0.3 m
5 m
7 m
8 m
1 m
Termination resistor
Diagnostics
TR
TR
TR
1 m
0.5 m
Y
Y
Y
Y
Y
Fig. 20: Network with Y-connectors
Network without stub lines. The Y-connector is connected directly to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com