Electronic Components Datasheet Search
  English  ▼

X  

16620060 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 16620060
Description  Inductive Sensor – With Weldguard® coating and Viton/ Fiberglass sleeving
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

16620060 Datasheet(HTML) 1 Page - Turck, Inc.

  16620060 Datasheet HTML 1Page - Turck, Inc. 16620060 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
BI8U-Q08-AP6X2-0.5-PSG3M/S1764
Inductive Sensor – With Weldguard® coating and Viton/
Fiberglass sleeving
Technical data
Type
BI8U-Q08-AP6X2-0.5-PSG3M/S1764
ID
16620060
Special version
S1764 corresponds to:
Weldguard coating
Viton fire-resistant jacket
The jacket begins at the end of the sensor
and, except for 100 mm of shrink tubing at
the end of the cable, covers the entire line
General data
 
Rated switching distance
8 mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Repeat accuracy
≤ 2 % of full scale
Hysteresis
3…15  %
Electrical data
 
Operating voltage
10…30  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 200 mA
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Output function
3-wire, NO contact, PNP
Features
■Rectangular, height 8 mm
■Active face on top
■Metal, Zamak, nickel-plated
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■Pigtail with male end M8 x 1
Wiring diagram
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this, they use a
high-frequency electromagnetic AC field that
interacts with the target. Inductive sensors
generate this field via an RLC circuit with a
ferrite coil.


Similar Part No. - 16620060

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1662006 TURCK-1662006 Datasheet
991Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - 16620060

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECQP1H101JZW PANASONICBATTERY-ECQP1H101JZW Datasheet
102Kb / 6P
Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
QTFT-3SS0-VT RALSTON-QTFT-3SS0-VT Datasheet
311Kb / 1P
Male Quick-test x pump with cap and chain, stainless steel,Viton Seals
logo
List of Unclassifed Man...
SP-1100ST ETC2-SP-1100ST Datasheet
387Kb / 2P
Fiberglass reinforced
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
Endress+Hauser Group Se...
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com