| Electronic Components Datasheet Search |
|
TMP112DX Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP112DX Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 47 page ![]() Device SCL SDA GND V+ ALERT ADD0 C (F) 10 nF ≥ R (F) 5 k ≤ Ω Supply Voltage Figure 8-3. Noise Reduction Techniques (for SOT563-6 package as an example) 8.2.3 Application Curves Figure 8-4 shows the step response of the TMP112 family (for SOT563-6 package) to a submersion in an oil bath of 100ºC from room temperature (27ºC). The time-constant, or the time for the output to reach 63% of the input step, is 0.8s (for SOT563-6 package) and TBDs (for X2SON-5 package). The time-constant result depends on the printed-circuit board (PCB) that the TMP112 family is mounted. For this test, the TMP112 family was soldered to a two-layer PCB that measured 0.375 inches × 0.437 inches. Time (s) -1 1 3 5 7 9 11 13 15 17 19 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 Figure 8-4. Temperature Step Response (for SOT563-6 package) 8.2.4 Power Supply Recommendations The TMP112 family operates with power supply in the range of 1.4 to 3.6 V. The device is optimized for operation at 3.3-V supply but can measure temperature accurately in the full supply range. A power-supply bypass capacitor is required for proper operation. Place this capacitor as close as possible to the supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.01 μF (for SOT563-6 package) and 0.1 μF (for X2SON-5 package). Applications with noisy or high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise. 8.3 Layout 8.3.1 Layout Guidelines Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended value of this bypass capacitor is 0.01 μF (for SOT563-6 package) and 0.1 μF (for X2SON-5 package). Additional decoupling capacitance can be added to compensate for noisy or high-impedance power supplies. Pull up the open-drain output pins (SDA, SCL) through 2-kΩ or 1.2-kΩ pullup resistors. However, using a minimal SDA and ALERT pins pull-up current is recommended to prevent self-heating and temperature accuracy reduction. TMP112 SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024 www.ti.com 30 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TMP112 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |