Electronic Components Datasheet Search
  English  ▼

X  

1607310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1607310
Description  RF-12S2S8A80DU - Cable connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1607310 Datasheet HTML 1Page - PHOENIX CONTACT 1607310 Datasheet HTML 2Page - PHOENIX CONTACT 1607310 Datasheet HTML 3Page - PHOENIX CONTACT 1607310 Datasheet HTML 4Page - PHOENIX CONTACT 1607310 Datasheet HTML 5Page - PHOENIX CONTACT 1607310 Datasheet HTML 6Page - PHOENIX CONTACT 1607310 Datasheet HTML 7Page - PHOENIX CONTACT 1607310 Datasheet HTML 8Page - PHOENIX CONTACT 1607310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable connector, straight, Screw locking mechanism, M23, number of positions: 12, contact
connection type: Socket, shielded: yes, degree of protection: IP67, cable diameter range: 5 mm .
.. 13.2 mm, number of positions: 12, connection method: Crimp connection, series: RF,
Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1242271
Commercial data
Item number
1607310
Packing unit
20 pc
Minimum order quantity
20 pc
Sales key
AB31
Product key
ABRAGA
GTIN
4046356268851
Weight per piece (including packing)
100.795 g
Weight per piece (excluding packing)
100.795 g
Customs tariff number
85366990
Country of origin
DE
RF-12S2S8A80DU - Cable connector
1607310
https://www.phoenixcontact.com/us/products/1607310
Mar 12, 2024, 5:27 AM
Page 1 (11)


Similar Part No. - 1607310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607311 PHOENIX-1607311 Datasheet
74Kb / 4P
Contact insert set - VC-AR2/3M-S222-SET
More results

Similar Description - 1607310

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
UMCP-8020005 HARWIN-UMCP-8020005 Datasheet
123Kb / 1P
RF CONNECTOR CABLE PLUG
logo
PHOENIX CONTACT
1607276 PHOENIX-1607276 Datasheet
426Kb / 11P
RF-12S1N8A80DU - Cable connector
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1607228 PHOENIX-1607228 Datasheet
402Kb / 10P
RF-12P1N8A80DU - Cable connector
1607252 PHOENIX-1607252 Datasheet
402Kb / 10P
RF-12P2N8A80DU - Cable connector
1607225 PHOENIX-1607225 Datasheet
403Kb / 10P
RF-12P1N8A8002 - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607331 PHOENIX-1607331 Datasheet
405Kb / 10P
RF-17P2N8A80DU - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
1615068 PHOENIX-1615068 Datasheet
317Kb / 9P
RF-12S2N8A8VDU - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com