Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 3280 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Type 8007
9 | 10
Visit product website 
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart for air with operating pressure of 6 bar(g) - Standard version
Note:
Calibration for other gases on request; probe lengths 120 mm, 160 mm, 300 mm, 400 mm on request.
Description
Article no.
Type 8007 with integrated display, Basic [air 92.7 m/s], probe length 220 mm
773498 
Type 8007 with integrated display, Extended [air 185 m/s], probe length 220 mm
773499 
Type 8007 with integrated display, Maximum [air 224 m/s], probe length 220 mm
773500 
7.4. Ordering chart for air with operating pressure of 6 bar(g) - Heavy Duty version
Note:
Calibration for other gases on request; probe lengths 120 mm, 160 mm, 300 mm, 400 mm on request.
Description
Article no.
Type 8007 with integrated display, Basic [air 92.7 m/s], probe length 220 mm
773508 
Type 8007 with integrated display, Extended [air 185 m/s], probe length 220 mm
773509 
Type 8007 with integrated display, Maximum [air 224 m/s], probe length 220 mm
773510 
7.5. Ordering chart accessories - Standard version
Note:
Without ordering cables, the flowmeter comes with M12-connector for port A.
Description
Article no.
5 m cable, with 5 pin, M12 plug at one end
770217 
10 m cable, with 5 pin, M12 plug at one end
770795 
Power supply Type 1573 for rail mounting, 100…240 V AC / 24 V DC, 1.25 A, NEC Class 2 (UL 1310)
772438 
Power supply Type 1573 for rail mounting, 100…240 V AC / 24 V DC, 1 A, NEC Class 2 (UL 1310)
772361 
Power supply Type 1573 for rail mounting, 100…240 V AC / 24 V DC, 2 A, NEC Class 2 (UL 1310)
772362 
Power supply Type 1573 for rail mounting, 100…240 V AC /24 DC, 3.8 A, NEC Class 2 (UL60950 - 1)
772898 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com