Electronic Components Datasheet Search
  English  ▼

X  

8071 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8071
Description  Oval rotor low flow sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8071 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8071 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8071 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Type 8071
3 | 7
Visit product website 
1.
General technical data
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 4.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 5.
Non wetted parts
Screw
Stainless steel 316
Tag plate
Aluminium
Wetted parts
Axis
Alloy C
Oval gear
PPS
Sensor body
PPS
Cover
PPS
Seal
FFKM
Compatibility
With Type 8025 Universal transmitter/batch controller, Type 8611 eCONTROL Universal controller or
Type 8619 multiCELL transmitter/Controller
Further information can be found in the respective technical data sheets, see data sheets
Type 8025 , Type 8611 , Type 8619  for more information.
Dimensions
Further information can be found in chapter “4. Dimensions” on page 5.
Measuring principle
Oval gear
Type of sensor
Hall effect (Transistor output) or Reed contact (reed switch outpu)
Measuring range
0.5…500 l/h (0.13…132 gph) (depends on the variant)
Standard K factor
• For flow range 0.5…120 l/h: 1000 pulses/l
• For flow range 15…500 l/h: 400 pulses/l
Performance data
Measurement deviation
± 1 % of measured value
Repeatability
≤ 0.03 % of measured value
Electrical data
Operating voltage
4.5…24 V DC
Current consumption
≤ 9 mA (Hall effect sensor)
Output
• Hall effect sensor
– Frequency on open collector, NPN, max. 25 mA
– 4.5…24 V DC
– Recommended load: 1.8 KΩ Pull up at 24 V DC
• Reed contact
– Frequency
– Switching voltage: 30 V DC,
– Max. current: 0.5 A
Medium data
Fluid temperature
- 20…+ 80 °C (- 4…+ 176 °F)
Fluid pressure
5 bar (72 PSI)
Dynamic viscosity η
1 Pa.s. max. (higher on request)
Maximum particle size
75 µm
To prevent damage from dirt or foreign matter, we strongly recommend the installation of a 75 µm
(200 mesh) strainer as close as possible to the inlet side of the meter.
Process/Pipe connection & communication
Pipe connection
Thread ¼" (G or NPT)
Electrical connection
• 5-wire cable
• 1 m length
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.2. Standards” on page 4.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.3. Pressure
Equipment Directive (PED)” on page 4.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com