Electronic Components Datasheet Search
  English  ▼

X  

3285 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3285
Description  Flowmeter for gases
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3285 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3285 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3285 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Type 8007
8 | 10
Visit product website 
6.
Product operation
6.1. Measuring principle
Acc. to DIN 1343, with 0 °C and 1013 mbar(a)1.)
Note:
• For other internal pipe diameters see User Manual.
• Flow ranges depend on the version of Type 8007 (Basic, Extended, Maximum) and the internal pipe diameter. Type 8007 is adjust-
able to different internal diameters through the mechanical depth scale.
• The sensor can be installed in any specified pipe size. The presetting of the sensor ex works applies to a 2" pipe (53.1 mm inner
diameter).
• Each version is calibrated to a flow velocity range:
– Basic version up to max. 92.7 m/s
– Extended version up to max. 185 m/s
– Maximum version up to max. 224 m/s
The 20 mA output corresponds to this highest speed, which in turn, depending on the pipe size, can be assigned a maximum flow
rate, which in turn, depending on the pipe size, a max. flow rate can be assigned.
Type 8007 without display:
The scaling of the 4…20 mA output is carried out in the signal receiver, e.g. the PLC, using the measuring range table.
Type 8007 with display:
For the scaling of the 4…20 mA output, the specific pipe size (inner diameter) can be entered here via the display and the keys. Fur-
thermore, the desired flow unit can be selected.
Pipe
Inner diame-
ter of pipe
DIN 1343 (0 °C, 1013 mbar(a))
Basic
Extended
Maximum
[Inch]
velocity
up to Nm3/h velocity
up to Nm3/h
velocity
up to Nm3/h
½"
16.1
92.7 m/s
41
185 m/s
80
224 m/s
100
¾"
21.7
81
160
195
1"
27.3
136
270
325
1¼"
36.0
244
485
590
1½"
41.9
335
665
810
2"
53.1
550
1100
1330
2½"
71.1
1005
2010
2435
3"
84.9
1440
2880
3485
4"
110.0
2430
4850
5875
5"
133.7
3595
7180
8690
6"
159.3
5110
10200
12355
8"
200.0
8075
16120
19520
10"
250.0
12635
25220
30540
12"
300.0
18220
36360
44030
1.) Standard DIN 1945 (ISO 1217), at 20 °C and 1000 mbar = Standard DIN 1343, at 0 °C and 1013 mbar, multiplied by coefficient 1.087.
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com