Electronic Components Datasheet Search
  English  ▼

X  

8692 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8692
Description  Oval rotor low flow sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8692 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8692 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Visit product website 
DATA SHEET
Type 8025
Insertion flowmeter/batch
controller with paddle
wheel and flow transmit-
ter/remote batch control-
ler
Type 8692
Digital electro-pneumatic
positioner for integrated
mounting on process
control valves
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Standard | EU | en | 2023-12-13 | 19
Oval rotor low flow sensor
• For highly viscous fluids
• Value indication, monitoring, transmitting, On/Off control and batch
control in combination with different transmitters
This sensor is specially designed for measurement or batch control of highly vis-
cous fluids like glue, honey or oil. It allows an easy connection to transmitters like
Type 8025 or Type 8619 for more functionality.
The design of this low flow sensor is based on the oval rotor principle. This has
proven to be a reliable and highly accurate volumetric method of measuring flow.
Exceptional repeatability and high accuracy over a wide range of viscosities and
flowrates are features of this design.
The low pressure drop and high pressure rating make it suitable for gravity and
pump (in-line) applications and many others.
All sensors provide Open Collector NPN frequency output and frequency output on
Reed contact via 1-meter 5-wire cable.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8071
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8692

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8692 BELDEN-8692 Datasheet
155Kb / 2P
Electronic, 9 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8692 BURKERT-8692 Datasheet
1Mb / 17P
Digital electro-pneumatic positioner for integrated mounting on process control valves
07.03.2024
8692 BURKERT-8692 Datasheet
1Mb / 13P
Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
8692 BURKERT-8692 Datasheet
933Kb / 12P
Inline flowmeter with paddle wheel, ELEMENT design
12.02.2024
8692 BURKERT-8692 Datasheet
1Mb / 14P
Radar level meter for aggressive media
15.09.2021
More results

Similar Description - 8692

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
610783 FESTO-610783 Datasheet
104Kb / 3P
Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com