Electronic Components Datasheet Search
  English  ▼

X  

8136 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8136
Description  Radar level meter for aggressive media
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8136 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8136 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Type 8136
11 | 14
Visit product website 
Set up with PACTware™/DTM and HART communication
Assembly
Description
~
=
PACTwareTM
Bürkert DTM
Power supply unit
1
2
3
The measuring device can be operated thanks to PACTware™, via
HART communication. An interface adapter is necessary for the
adjustment with PACTware™. For the setup of the Type 8136, the
DTM in the actual version must be used. The basic version of DTM
incl. PACTware™ is available as a free-of-charge download from
the internet at www.burkert.com .
Connecting the PC via HART
No. Description
1
Measuring device Type 8136
2
HART-USB Modem
3
Resistance 250 Ω
Necessary components:
• Measuring device Type 8136
• PC with PACTware™ and suitable Bürkert DTM
• HART-USB Modem
• Resistance approx. 250 Ω
• Power supply unit
9.
Product accessories
Note:
The accessories for the plastic horn antenna 80 mm must be ordered separately.
Accessory
Description
125
2.5
85
12
9
Mounting bracket 300 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com