Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Type 8111
9 | 10
Visit product website 
7.
Product operation
7.1. Measuring principle
The tuning fork is piezoelectrically energised and vibrates at a mechanical resonance frequency of approx. 1200 Hz. When the tuning fork is
submerged in the product, the frequency changes. This change is detected by the integrated oscillator and converted into a switching
command.
The integrated fault monitor detects the following faults:
• Interruption of the connection cable to the piezoelectric elements
• Extreme material wear on the tuning fork
• Breakage of the tuning fork
• Absence of vibration.
If one of these faults is detected or in case the power supply fails, the electronic system switches to a defined switching state, e.g. the relay
de-energises (safe state).
8.
Product accessories
Note:
The accessories must be ordered separately, see chapter “9.4. Ordering chart accessories” on page 10.
Accessory
Description
ø 21.3mm
G1
NPT1
AF41
Lock fitting
Terminal screws
(3 pcs.)
The lock fitting is a threaded fitting and can be used together with
the vibration level switch Type 8111. It must only be used in
unpressurised vessels.
The wetted parts of the lock fitting are made of stainless steel
(316L).
With the lock fittings, sensors with tube extension can be fixed
infinitely. The terminal screws protect the tube against sliding
through.
The following versions are available:
Ø 21.3 mm - G 1 or 1 NPT (AF 41)
9.
Ordering information
9.1. eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com