Electronic Components Datasheet Search
  English  ▼

X  

8692 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8692
Description  Radar level meter for liquids suitable for use in applications with aggressive fluids as well as with hygienic requirements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8692 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8692 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Type 8139
13 | 19
Visit product website 
7.
Product installation
7.1. Mounting options
Plastic horn antenna 80 mm with mounting bracket
The mounting bracket allows simple mounting of the instrument on a wall, ceiling or boom. Especially in the case of open flumes, this
is a simple and effective way to align the sensor to the surface of the liquids.
Mounting bracket - Ceiling mounting
Mounting bracket - Wall mounting
The instrument is normally mounted vertically
with a bracket on the ceiling. This allows the
sensor to swivel up to 180° for optimal alignment
and rotate for optimal connection.
Alternatively, the bracket can be mounted horizontally or diagonally.
> 200 mm
Plastic horn antenna 80 mm with flange
An adapter flange is available for mounting the device on a socket.
Adapter flange
The adapter flange is available from DN 100. It is permanently connected with the radar sensor and sealed.
Process seal
Adapter flange
Connection screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com