Electronic Components Datasheet Search
  English  ▼

X  

74LVC244ADB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC244ADB
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244ADB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC244ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 11Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 12Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 13Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 14Page - NXP Semiconductors 74LVC244ADB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2003 Oct 30
11
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
handbook, full pagewidth
open
GND
50 pF
2
× VCC
VCC
VI
VO
MNA368
D.U.T.
CL
RT
RL
500
Ω
RL
500
Ω
PULSE
GENERATOR
S1
Fig.8 Load circuitry for switching times.
Definitions for test circuits:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to Zo of the pulse generator.
SWITCH POSITION
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
2
× VCC
tPHZ/tPZH
GND
VCC
VIN
<2.7 V
VCC
2.7 to 3.6 V
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com