Electronic Components Datasheet Search
  English  ▼

X  

8203 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8203
Description  pH- and ORP-probes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8203 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8203 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8203 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Type 8203
7 | 15
Visit product website 
2.
Approvals
2.1. Pressure equipment directive
The device conforms to article 4, paragraph 1 of the pressure equipment directive 2014/68/EU under the following conditions:
Device used on a pipe
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure (in bar), DN = nominal diameter of the pipe
Type of fluid
Conditions
Fluid group 1, article 4, paragraph 1.c.i
DN ≤ 25
Fluid group 2, article 4, paragraph 1.c.i
DN ≤ 32 or PS*DN ≤ 1000
Fluid group 1, article 4, paragraph 1.c.ii
DN ≤ 25 or PS*DN ≤ 2000
Fluid group 2, article 4, paragraph 1.c.ii
DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000
Device used on a vessel
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure (in bar), V = vessel volume
Type of fluid
Conditions
Fluid group 1, article 4, paragraph 1.a.i
V > 1 L and PS*V ≤ 25 bar.L or PS ≤ 200 bar
Fluid group 2, article 4, paragraph 1.a.i
V > 1 L and PS*V ≤ 50 bar.L or PS ≤ 1000 bar
Fluid group 1, article 4, paragraph 1.a.ii
V > 1 L and PS*V ≤ 200 bar.L or PS ≤ 500 bar
Fluid group 2, v 4, paragraph 1.a.ii
PS > 10 bar and PS*V ≤ 10000 bar.L or PS ≤ 1000 bar
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com