Electronic Components Datasheet Search
  English  ▼

X  

8221 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8221
Description  Conductivity sensor for hygienic applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8221 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8221 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8221 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Type 8221
13 | 18
Visit product website 
5.3. 2-electrode conductivity probe with 5-pin M12 male connector
With 1½" clamp process connection
Note:
Dimensions in mm, unless otherwise stated
∅ 33.5
∅ 50.5
Clamp 1½"
∅ 16
∅ 16
C = 0.01
C = 0.1
1.) Length can be changed on request; minimum 35 mm
2.) Total length can be changed according to 1.)
With screw-on process connection
Note:
Dimensions in mm, unless otherwise stated
∅ 16
C = 0.1
∅ 33.5
∅ 16
C = 0.01
∅ 33.25
G 1"
With G 1" connection
∅ 33.5
∅ 16
C = 0.01
∅ 26.44
G ¾"
∅ 33.5
∅ 16
C = 0.01
∅ 26.3
NPT ¾"
AF 36
With G ¾" connection
With NPT ¾" connection
∅ 38
∅ 38
∅ 38
AF 36
AF 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com