Electronic Components Datasheet Search
  English  ▼

X  

8202 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8202
Description  pH- and ORP-probes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8202 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8202 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8202 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Visit product website 
DATA SHEET
Type 8200
Armatures for analytical
sensors
Type 8202
pH or redox potential
transmitter, ELEMENT
design
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Standard | EU | en | 2023 - 09 - 08 | 12
pH- and ORP-probes
• For many different types of installations and applications
• Large selection of probe for a wide range of holder
• Useable for pipe DN 15…DN 200
A probe Type 8203 is inserted into a Bürkert pH or ORP meter, which is a
modular device designed for the measurement of:
• the pH in clean liquids or liquids containing solids, sulphides or proteins.
• the oxidation-reduction potential in clean liquids or liquids containing sol-
ids, sulphides or proteins which may present low conductivity.
The probes of Type 8203 are available in various models:
• for pH
- PLASTRODE pH 120 mm
- FLATRODE pH 120 mm
- LOGOTRODE pH 120 mm
- UNITRODE PLUS pH 120 mm
- CERATRODE pH 120 mm
- FERMTRODE VP pH 120 mm
• for ORP
- FLATRODE ORP 120 mm
- LOGOTRODE ORP 120 mm
- UNITRODE PLUS ORP 120 mm
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8203
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8202

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8202 FILTRAN-8202 Datasheet
144Kb / 1P
T3/DS3/E3/STS-1 Input/Output Transformers
logo
Mallory performance clu...
8202 MALLORY-8202 Datasheet
150Kb / 2P
MSD Blaster Coil
logo
Christian Bürkert GmbH ...
8202 BURKERT-8202 Datasheet
1Mb / 18P
Digital electropneumatic process controller for integrated mounting on process control valves
07.03.2024
8202 BURKERT-8202 Datasheet
2Mb / 31P
Digital electropneumatic Process Controller SideControl
07.03.2024
logo
3M Electronics
82020-6000 3M-82020-6000 Datasheet
342Kb / 3P
3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
September 2, 2005
More results

Similar Description - 8202

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
407228 EXTECH-407228 Datasheet
267Kb / 1P
Heavy Duty pH/ORP/Temp Kit
logo
Endress+Hauser Group Se...
CPM223 EH-CPM223 Datasheet
1,004Kb / 24P
pH/ORP measurement
CPS16E EH-CPS16E Datasheet
1Mb / 12P
pH/ORP sensor for standard applications in process technology and environmental engineering
2021-04-30
CCA250 EH-CCA250 Datasheet
525Kb / 8P
Flow assembly for chlorine and pH/ORP sensors
CPA250 EH-CPA250 Datasheet
501Kb / 8P
Flow assembly for pH and ORP sensors
CPA472D EH-CPA472D Datasheet
945Kb / 20P
Retractable process assembly for pH and ORP sensors Heavy duty version
CPA474 EH-CPA474 Datasheet
1,014Kb / 20P
Retractable plastic process assembly with ball valve for pH and ORP electrodes
04.10
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
CPS96E EH-CPS96E Datasheet
1Mb / 12P
pH/ORP sensor for heavily polluted media and suspended solids
2021-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com