Electronic Components Datasheet Search
  English  ▼

X  

8222 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 8222
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8222 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 8222 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8222 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Type 8222
20 | 24
Visit product website 
11.4. Ordering chart
ELEMENT standard variant
Note:
• All settings as well as the digital output have to be configured with the display/configuration module (must be ordered separately).
• The following article nos. have a transparent cover as standard and an integrated Pt1000.
Operating
voltage
Probe
Output
Nut
material
UL approval
Electrical connection 1.)
Article no.
14…36 V DC C = 0.01 cm-1 3 outputs:
2 x transistors NPN/PNP
+ 1 × 4…20 mA (2 wires)
PVC
–
5-pin M12 male connector
559618 
UL Recognized
562394 
PVDF
–
559620 
UL Recognized
562396 
C = 0.1 cm-1
PVC
–
559614 
UL Recognized
559624 
PVDF
–
559616 
UL Recognized
559626 
C = 1.0 cm-1
PVC
–
559610 
UL Recognized
559638 
PVDF
–
559612 
UL Recognized
559622 
12…36 V DC C = 0.01 cm-1 4 outputs:
2 x transistors NPN/PNP
+ 2 × 4…20 mA (3 wires)
PVC
–
5-pin M12 male and 5-pin M12
female connectors
559619 
UL Recognized
562395 
PVDF
–
559621 
UL Recognized
562397 
C = 0.1 cm-1
PVC
–
559615 
UL Recognized
559625 
PVDF
–
559617 
UL Recognized
559627 
C = 1.0 cm-1
PVC
–
559611 
UL Recognized
559639 
PVDF
–
559613 
UL Recognized
559623 
1.) Must be ordered separately (see chapter “11.5. Ordering chart accessories” on page 23): M12 male/female connectors (only female for the variant with one 4…20 mA output, 1
male + 1 female for the variant with two 4…20 mA outputs of the device)
Further variants on request
Additional
• Pre-parameterized devices with configuration: 2- or 4-
outputs, filter, temperature compensation, threshold, etc.
• With display/configuration module
Certification and Calibration
Calibration certificates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com