Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  0330 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8700
3 | 12
Visit product website 
1.
General technical data
Product properties
Material
Block
Stainless steel
Body
PC (Polycarbonate) or metal
Seal
FKM, EPDM or FFKM
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 5.
Total weight
Approx. 850 g (stainless steel)
LED display
Indication for power, limit (with analogue signals) / communication (with fieldbus) and
error
Performance data
Nominal flow range (Q
Nom)
1.)
5 ml
N/min…15000 mlN/min (N2)
2.)
Measuring range
1:50
Max. operating pressure
10 bar (145 psi)
Measuring accuracy
± 1.5 % o. R ± 0.3 % F. S. (after 30 min. warm-up time)
Repeatability
± 0.1 % F. S.
Response time (t95 %)
< 3 sec.
Electrical data
Operating voltage
24 V DC
Power consumption1.)
2.5 W / 5 W (with fieldbus)
Voltage tolerance
± 10 %
Residual ripple
± 2 %
Electrical connection
D-Sub plug 15 pin
with PROFIBUS-DP: Socket M12 5 pin
with CANopen: Socket M12 5 pin
Medium data
Operating medium
Neutral, or aggressive gases
Calibration medium
Operating gas or air with conversion factor
Medium temperature
- 10 °C…+ 70 °C
(- 10 °C…+ 60 °C for oxygen)
Process/Port connection & communication
Port connection
NPT ¼, G ¼, screw-in fitting or sub-base, others on request
Fieldbus option
PROFIBUS-DP, CANopen
Digital outputs
One relay-output for:
1. Limit (process value close to Q
Nom)
Current output: 25 V, 1 A, 25 VA
Digital inputs
Two
1. Not assigned
2. Not assigned
Digital (communication) interface
RS232, Modbus RTU (via RS-Adapter) RS485, RS422 or USB
(see “7.4. Ordering chart accessories” on page 10)
Analogue interfaces
4…20 mA, 0…20 mA, 0…10 V or 0…5 V
Input impedance > 20 kΩ (Voltage) resp. < 300 Ω (Current)
Max. load: 10 mA (Voltage output); max. load: 600 Ω (Current output)
Environment and installation
Installation position
Horizontal or vertical
Ambient temperature
- 10 °C…+ 50 °C
Degree of protection
IP40
Accessories
Software-Tool
Mass Flow Communicator
1.) The nominal flow value is the max. flow value calibrated which can be measured.
The nominal flow range defines the range of nominal flow rates (full scale values) possible.
2.) Index N: Flow rates referred to 1.013 bar and 0 °C. Alternatively there is an
Index S available which refers to 1.013 bar and 20 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com