Electronic Components Datasheet Search
  English  ▼

X  

6027 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6027
Description  Mass Flow Meter (MFM) for Gases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6027 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6027 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Type 6013
Plunger valve 2/2 way
direct-acting
Type 0330
Direct-acting 2/2 or
3/2-way pivoted arma-
ture valve
Type 8611
eCONTROL - Universal
controller
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Type 6027
Direct-acting 2/2 way
plunger valve
1000085464 | Standard | EU | en | 202109 | 10
Mass Flow Meter (MFM) for Gases
• Nominal flow ranges from 0.010 l/min to 80 l/min
• High accuracy
• Very fast response times
• Digital communication via RS485
• Compact version
The mass flow meter (MFM) type 8703 is suited for measuring the mass flow
of gases over a big flow range. The thermal MEMS sensor is located direct-
ly in the gas stream and therefore reaches very fast response times. Type
8703 can optionally be calibrated for two different gases; the user can switch
between these two gases. The communication with master devices is fully
digital, therefore no further analog/digital conversions are needed.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8703
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 6027

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
logo
List of Unclassifed Man...
6027 ETC2-6027 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Christian Bürkert GmbH ...
6027 BURKERT-6027 Datasheet
555Kb / 8P
Piston valve 2/2-way servo-assisted
15.01.2024
6027 BURKERT-6027 Datasheet
1Mb / 17P
Solenoids with Kick and Drop
16.11.2023
6027 BURKERT-6027 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
More results

Similar Description - 6027

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com