Electronic Components Datasheet Search
  English  ▼

X  

6724 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6724
Description  Mass Dosing Controller (MDC) for liquids
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6724 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6724 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Type 8756 Batch
13 | 21
Visit product website 
6.
Performance specifications
Note:
The following diagrams show the dosing range of the MDC. The dosing quantity can be freely selected from 0.05 g to 1000 g.
With different pressures and viscosities, the switch-on time of the actuator varies depending on the application, see “6.5. Reading sample”
on page 15.
6.1. Dosing quantity depending on pressure and valve opening time < 50 g (size 1)
0
1
2
3
4
5
6
7
0
20
30
40
50
Dosing amount [g]
Medium with 100 mPas
Medium with 1 mPas
Pressure [bar rel.]
Pressure [bar rel.]
1 bar
2 bar
3 bar
5 bar
6.2. Dosing quantity depending on pressure and valve opening time < 1 g (size 1)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
0.0
0.2
0.4
0.6
0.8
1.0
Dosing amount [g]
9 bar
16 bar
5 bar
3 bar
3 bar
2 bar
1 bar
0,4 bar
Medium with 100 mPas
Medium with 1 mPas
Pressure [bar rel.]
Pressure [bar rel.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com