Electronic Components Datasheet Search
  English  ▼

X  

74LVC244APW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC244APW
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244APW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC244APW Datasheet HTML 6Page - NXP Semiconductors 74LVC244APW Datasheet HTML 7Page - NXP Semiconductors 74LVC244APW Datasheet HTML 8Page - NXP Semiconductors 74LVC244APW Datasheet HTML 9Page - NXP Semiconductors 74LVC244APW Datasheet HTML 10Page - NXP Semiconductors 74LVC244APW Datasheet HTML 11Page - NXP Semiconductors 74LVC244APW Datasheet HTML 12Page - NXP Semiconductors 74LVC244APW Datasheet HTML 13Page - NXP Semiconductors 74LVC244APW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2003 Oct 30
10
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
AC WAVEFORMS
handbook, halfpage
MNA171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.6 Input nAn to output nYn propagation delays.
VM = 1.5 V at VCC ≥ 2.7 V.
VM = 0.5VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.7 3-state enable and disable times.
VM = 1.5 V at VCC ≥ 2.7 V.
VM = 0.5VCC at VCC < 2.7 V.
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.1VCC at VCC < 2.7 V.
VY =VOH + 0.3 V at VCC ≥ 2.7 V;
VY =VOH + 0.1VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com