Electronic Components Datasheet Search
  English  ▼

X  

558GMS Datasheet(PDF) 1 Page - Belden Inc.

Part # 558GMS
Description  Access Control, 18c (#18-4c, #22-6c Foil, #22-4, #22-4), CMR, Banana Peel®
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

558GMS Datasheet(HTML) 1 Page - Belden Inc.

  558GMS Datasheet HTML 1Page - Belden Inc. 558GMS Datasheet HTML 2Page - Belden Inc. 558GMS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 558GMS
Access Control, 18c (#18-4c, #22-6c Foil, #22-4, #22-4), CMR, Banana Peel®
Product Description
Access Control Cable, Riser-CMR, 4-18 AWG conductors, 6-22 AWG conductors with Beldfoil® shield, 4-22 AWG conductors, 4-22 AWG conductors, All
conductors stranded bare copper with FR-PVC insulation, Each cable has PVC jacket, Banana Peel® No overall jacket
Technical Specifications
Product Overview
Suitable Applications:
Access Control, Security System, Power Limited Controls
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Construction Details
Conductor
Element Description
Element
No. of Elements
Size
Stranding
Material
Card Reader
Conductor(s) 6
22 AWG 7x30
BC - Bare Copper
Door Contact
Conductor(s) 4
22 AWG 7x30
BC - Bare Copper
REX/Spare
Conductor(s) 4
22 AWG 7x30
BC - Bare Copper
Lock Power
Conductor(s) 4
18 AWG 7x26
BC - Bare Copper
Insulation
Element Description
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Card Reader
Conductor(s) PVC - Polyvinyl Chloride 0.010 in (0.25 mm) 0.049 in (1.2 mm)
Black, Red, White, Green, Yellow, Orange
Door Contact
Conductor(s) PVC - Polyvinyl Chloride 0.010 in (0.25 mm) 0.049 in (1.2 mm)
Black, Red, White, Green
REX/Spare
Conductor(s) PVC - Polyvinyl Chloride 0.010 in (0.25 mm) 0.049 in (1.2 mm)
Black, Red, White, Green
Lock Power
Conductor(s) PVC - Polyvinyl Chloride 0.10 in (2.5 mm)
0.066 in (1.7 mm)
Inner Shield
Element Description
Element
Shield Type
Material
Coverage
Drainwire Type
Card Reader
Conductor(s) Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Door Contact
Conductor(s) No Shield
REX/Spare
Conductor(s) No Shield
Lock Power
Conductor(s) No Shield
Inner Jacket
Element Description
Element
Material
Nom. Thickness
Nom. Diameter
Ripcord
Color
Card Reader
Conductor(s)
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.189 in (4.80 mm) Yes
Orange
Door Contact
Conductor(s)
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.158 in (4.01 mm) Yes
White
REX/Spare
Conductor(s)
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.158 in (4.01 mm) Yes
Blue
Lock Power
Conductor(s)
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.198 in (5.03 mm) Yes
Gray
Lock/Power Card
Outer Jacket
Material
No Jacket
Overall Cable Diameter
(Nominal):
0.425 in (10.8 mm)


Similar Part No. - 558GMS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
558G-01LF ICST-558G-01LF Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
Integrated Device Techn...
558G-01LF IDT-558G-01LF Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
558G-01LF RENESAS-558G-01LF Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
logo
Integrated Device Techn...
558G-01LFT IDT-558G-01LFT Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
558G-01LFT RENESAS-558G-01LFT Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results

Similar Description - 558GMS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194190005 MOLEX4-0194190005 Datasheet
100Kb / 2P
MX150L??4 Circuit Plug for 18-22 AWG Wire
logo
Pomona Electronics
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
Banana Jack, User Installed (18-22 AWG)
logo
General Cable Technolog...
C4111A GENERAL-C4111A Datasheet
74Kb / 1P
18C 22 7/30 TC PVC PVC COMMUNICATION CABLE
logo
Belden Inc.
6504FE BELDEN-6504FE Datasheet
247Kb / 2P
Security & Sound, #22-6c BC, Shielded, CMP
5500UE BELDEN-5500UE Datasheet
267Kb / 2P
Security & Sound, #22-2c BC, CMR
538AFS BELDEN-538AFS Datasheet
263Kb / 2P
Access Control, 16c (#18-3pr, #16-4c, #18-6c), Shielded, Banana Peel짰, CMR
9942 BELDEN-9942 Datasheet
212Kb / 2P
RS-232, #22-6c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
1855S3 BELDEN-1855S3 Datasheet
174Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-3 Coax, CMR
11-09-2022
1855S6 BELDEN-1855S6 Datasheet
183Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-6 Coax, CMR
12-19-2022
5502UH BELDEN-5502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMR
12-20-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com