Electronic Components Datasheet Search
  English  ▼

X  

6541FD Datasheet(PDF) 1 Page - Belden Inc.

Part # 6541FD
Description  2 Pr #22 STR TC, FEP, Ov Shld OSDP Readers CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6541FD Datasheet(HTML) 1 Page - Belden Inc.

  6541FD Datasheet HTML 1Page - Belden Inc. 6541FD Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6541FD
2 Pr #22 STR TC, FEP, Ov Shld OSDP Readers CMP
Product Description
RS485, OSDP Reader, 2 Pr #22 Str TC, FEP, Overall Shield, CMP
Technical Specifications
Product Overview
Suitable Applications:
RS-485 Serial Data, Dual OSDP Reader Access Control
Construction Details
Conductor
Element
No. of Pairs
Size
Stranding
Material
Notes
Data Pair(s) 2
22 AWG 7x30
TC - Tinned Copper 2 Pair Construction. Each Pair RS-485 OSDP Reader
Insulation
Element
Material
Nom. Thickness
Color Code
Data Pair(s) FEP - Fluorinated Ethylene Propylene (Foam) .023 in (0.58 mm) Pair 1: White, Green, Pair 2: Brown, Blue
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride .016 in (0.41 mm) .292 in (7.04mm) Yes
Table Notes:
Flamearrest Plenum Jacket
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Characteristic Impedence
Max. Current
Data
Pair(s)
16.3 Ohm/1000ft (53.5 Ohm/km) 13.5 pF/ft (44.3 pF/m)
24 pF/ft (79 pF/m)
120 Ohm
2.2 Amps per conductor @ 25°C
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C
Bend Radius
Stationary Min. Installation Min.
1.9 in (48 mm)
1.9 in (48 mm)


Similar Part No. - 6541FD

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
65412 ALPHAWIRE-65412 Datasheet
408Kb / 4P
14 (41/30) AWG Bare Copper
65412CY ALPHAWIRE-65412CY Datasheet
409Kb / 4P
14 (41/30) AWG Bare Copper
65418 ALPHAWIRE-65418 Datasheet
409Kb / 4P
14 (41/30) AWG Bare Copper
65418CY ALPHAWIRE-65418CY Datasheet
410Kb / 4P
14 (41/30) AWG Bare Copper
logo
Texas Instruments
6541979 TI1-6541979 Datasheet
3Mb / 68P
EEG Front-End Performance Demonstration Kit
More results

Similar Description - 6541FD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89841 BELDEN-89841 Datasheet
252Kb / 3P
RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
82741 BELDEN-82741 Datasheet
165Kb / 2P
Electronic, 2 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82742 BELDEN-82742 Datasheet
169Kb / 3P
Electronic, 3 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82743 BELDEN-82743 Datasheet
169Kb / 3P
Electronic, 6 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82757 BELDEN-82757 Datasheet
169Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
88757 BELDEN-88757 Datasheet
168Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
88761 BELDEN-88761 Datasheet
205Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
88442 BELDEN-88442 Datasheet
197Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, FEP Jkt, CMP
03-04-2023
88741 BELDEN-88741 Datasheet
167Kb / 2P
Audio/Control/Instrumentation, (2 pr) 22 AWG (7x30) TC, FEP/FEP, CMP
05-05-2023
83552 BELDEN-83552 Datasheet
181Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com