Electronic Components Datasheet Search
  English  ▼

X  

6641FD Datasheet(PDF) 1 Page - Belden Inc.

Part # 6641FD
Description  2 Pr #24 STR TC, FEP, Ov Shld OSDP Readers CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6641FD Datasheet(HTML) 1 Page - Belden Inc.

  6641FD Datasheet HTML 1Page - Belden Inc. 6641FD Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6641FD
2 Pr #24 STR TC, FEP, Ov Shld OSDP Readers CMP
Product Description
RS485, OSDP Reader, 2 Pr #24 Str TC, FEP, Overall Shield, CMP
Technical Specifications
Product Overview
Suitable Applications:
RS-485 Serial Data, Dual OSDP Reader Access Control
Construction Details
Conductor
Element
No. of Pairs
Size
Stranding
Material
Notes
Data Pair(s) 2
24 AWG 7x32
TC - Tinned Copper 2 Pair Construction. Each Pair RS-485, OSDP Reader
Insulation
Element
Material
Nom. Thickness
Color Code
Data Pair(s) FEP - Fluorinated Ethylene Propylene (Foam) .020 in (0.51 mm) Pair 1: White, Green, Pair 2: Brown, Blue
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride .016 in (0.41 mm) .260 in (6.60 mm) Yes
Table Notes:
Flamearrest Plenum Jacket
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Characteristic Impedence
Data
Pair(s)
24 Ohm/1000ft (79 Ohm/km) 13.5 pF/ft (44.3 pF/m)
24 pF/ft (79 pF/m)
120 Ohm
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C
Bend Radius
Stationary Min. Installation Min.
1.6 in (41 mm)
1.6 in (41 mm)


Similar Part No. - 6641FD

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6641 FILTRAN-6641 Datasheet
68Kb / 1P
HPN Home Phoneline Module
logo
Keysight Technologies
6641A KEYSIGHT-6641A Datasheet
142Kb / 7P
6640A Series Single-Output, 200 W DC Power Supplies, GPIB
6641A-J04 KEYSIGHT-6641A-J04 Datasheet
142Kb / 7P
6640A Series Single-Output, 200 W DC Power Supplies, GPIB
More results

Similar Description - 6641FD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89841 BELDEN-89841 Datasheet
252Kb / 3P
RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
82741 BELDEN-82741 Datasheet
165Kb / 2P
Electronic, 2 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82742 BELDEN-82742 Datasheet
169Kb / 3P
Electronic, 3 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
82743 BELDEN-82743 Datasheet
169Kb / 3P
Electronic, 6 Pr #22 Str TC, FEP Ins, PVC Jkt, CMP
05-05-2023
88641 BELDEN-88641 Datasheet
205Kb / 2P
Electronic, 2 C #24 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
88757 BELDEN-88757 Datasheet
168Kb / 3P
Electronic, 4 Pr #22 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
83512 BELDEN-83512 Datasheet
225Kb / 2P
Electronic, 12 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83515 BELDEN-83515 Datasheet
224Kb / 2P
Electronic, 15 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83503 BELDEN-83503 Datasheet
191Kb / 2P
Electronic, 3 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com