Electronic Components Datasheet Search
  English  ▼

X  

2SE Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 2SE
Description  Solid-State Vane Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2SE Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  2SE Datasheet HTML 1Page - Sensata Technologies, Inc. 2SE Datasheet HTML 2Page - Sensata Technologies, Inc. 2SE Datasheet HTML 3Page - Sensata Technologies, Inc. 2SE Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 2SE SERIES
Solid-State Vane Switch
Introduction
The Klixon® 2SE solid–state vane switch has advanced, state-of-the-art airflow sensing. Successor to electromechanical vane types, the 2SE is
designed to sense and protect against the loss of airflow in power supplies, data processing units, or any other commercial or military electronic
equipment where it is necessary to recognize the loss or reduction of airflow.
SPEC OVERVIEW
Features
• Solid–state
• High reliability
• Commercial or military grades
• Variety of switching modes
Supply Voltage
30 VDC maximum
Switching Capacity
400 milliamps maximum
Configuration
SPST or DPST
Reset
Automatic or Manual
Mode
Normally open or closed
Weight
Approximately 20 grams
Power Dissipation
Approximately 3 watts
Life
100,000 cycles
Operating Temp. Range
10°C to 50°C (50°F to 120°F)
Ambient Temp. Range
Up to 150°C (300°F)
Vibration
10G, 10–500 Hz per MIL-STD-202, Method 202, Condition A
Shock
100G, for 6ms per MIL-STD-202, Method 213, Condition C
Humidity
10 days per MIL-STD-202, Method 106
Salt Spray
48 Hours per MIL-STD-202, Method 101, Condition B


Similar Part No. - 2SE

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2SE156-3 HONEYWELL-2SE156-3 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE157-3 HONEYWELL-2SE157-3 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE321 HONEYWELL-2SE321 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE322 HONEYWELL-2SE322 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE323 HONEYWELL-2SE323 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
More results

Similar Description - 2SE

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HKZ121 SIEMENS-HKZ121 Datasheet
142Kb / 7P
Hall-Effect Vane Switch
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
SOLID STATE SWITCH
SS466A ETC-SS466A Datasheet
85Kb / 1P
SOLID STATE SWITCH
logo
JFW Industries, Inc.
50MS-225 JFW-50MS-225 Datasheet
26Kb / 1P
SOLID STATE MATRIX SWITCH
50SA-133 JFW-50SA-133 Datasheet
26Kb / 1P
SOLID-STATE SWITCH ASSEMBLY
logo
Honeywell Accelerometer...
2AV54 HONEYWELL-ACC-2AV54 Datasheet
222Kb / 1P
SOLID STATE VANE SWITCH
logo
List of Unclassifed Man...
VX80 ETC2-VX80 Datasheet
348Kb / 8P
SWITCH - SOLID STATE
logo
Sirectifier Semiconduct...
SSAC90GKXX SIRECTIFIER-SSAC90GKXX Datasheet
224Kb / 4P
Solid State AC Switch
SSAC100GKXX SIRECTIFIER-SSAC100GKXX Datasheet
216Kb / 4P
Solid State AC Switch
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
Solid state switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com