Electronic Components Datasheet Search
  English  ▼

X  

2TC Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 2TC
Description  1–25 Amp, Single–Phase, Miniature Ambient Compensated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2TC Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  2TC Datasheet HTML 1Page - Sensata Technologies, Inc. 2TC Datasheet HTML 2Page - Sensata Technologies, Inc. 2TC Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 2TC SERIES
1–25 Amp, Single–Phase, Miniature Ambient Compensated
Introduction
Klixon® single–phase TC devices are the smallest, lightest high performance aircraft circuit breakers available today. They represent the state-of-
the-art protection of today’s aerospace power systems. Their light weight and small size make them especially well suited for aircraft, avionics and
electronic systems. The Klixon® trademark has set the standard for aerospace circuit breakers and the TC series offers the endurance and reliability
required by exacting military specifications.
Features
• Miniature size
• Light weight
• Trip–free design
• Current ratings (1 to 25 amps)
• High vibration resistance
• High interrupting capacity
• Coordinated ratings
• AS58091 qualified (Also: Military Approvals, FAA PMA)
• Typical end use: Aircraft power distribution systems
PERFORMANCE CHARACTERISTICS
Vibrations
10G minimum, 50–500 Hz (other vibration levels available)
Mechanical Shock
50G
Acceleration
10G
Weight
24 gram maximum (2TC14)
Interrupt Current
1–20 amps: 6,000 amps at 28 VDC
25 amps: 1,625 amps at 28 VDC
1–15 amps: 2,500 amps at 120 VAC, 400 Hz
20 amps: 2,000 amps at 120 VAC, 400 Hz
25 amps: 1,800 amps at 120 VAC, 400 Hz
Endurance
2,500 cycles: 120 VAC, 400 Hz inductive
5,000 cycles: 120 VAC, 400 Hz resistive
2,500 cycles: 30 VDC inductive
5,000 cycles: 30 VDC resistive
10,000 cycles: Mechanical, no load


Similar Part No. - 2TC

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2TC12W4_1205S3RP GAPTEC-2TC12W4_1205S3RP Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2TC12W4_1212D3RP GAPTEC-2TC12W4_1212D3RP Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2TC12W4_1212S3RP GAPTEC-2TC12W4_1212S3RP Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2TC12W4_1215D3RP GAPTEC-2TC12W4_1215D3RP Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results

Similar Description - 2TC

ManufacturerPart #DatasheetDescription
logo
Bytes
MB2505W BYTES-MB2505W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB2505 FORMOSA-MB2505 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W FORMOSA-MB2505W Datasheet
34Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Microsemi Corporation
SPA25 MICROSEMI-SPA25 Datasheet
142Kb / 2P
25 amp single phase bridge rectifiers
logo
UNIOHM CORPORATION
MB2505 UNIOHM-MB2505 Datasheet
72Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W UNIOHM-MB2505W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Microsemi Corporation
JANSPA25 MICROSEMI-JANSPA25_07 Datasheet
134Kb / 2P
25 Amp Single Phase Bridge Rectifiers
logo
Nanjing International G...
KBJ25005 DGNJDZ-KBJ25005 Datasheet
123Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
KBPC25005W DGNJDZ-KBPC25005W Datasheet
335Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBJ25005 BYTESONIC-GBJ25005 Datasheet
278Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
Version 1.2 2018/3/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com