Electronic Components Datasheet Search
  English  ▼

X  

36PS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 36PS
Description  AUTOMATIC RESET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

36PS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  36PS Datasheet HTML 1Page - Sensata Technologies, Inc. 36PS Datasheet HTML 2Page - Sensata Technologies, Inc. 36PS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Lead Wire Material
#16 & #18 AWG 600 V 105ºC 1/32” PVC
Quick Connects .250” x 0.032” straight male spa
Others upon request; call Sensata
Ambient Temperature
-40ºF to 257ºF (-40ºC to 125ºC)
(4% setpoint shift @ 100ºC)
Fluid Temperature
-65ºF to 275ºF (-53.9ºC to 135øC)
All dimensions in millimeters [Inch]
(Additional configurations are available. Contact Sensata: sensors@sensata.com)
TYPICAL PHYSICAL CHARACTERISTICS
Typical Standard Fittings
All dimensions in millimeters [Inch]
(Additional fittings are available. Contact Sensata: sensors@sensata.com)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com