Electronic Components Datasheet Search
  English  ▼

X  

45PS Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 45PS
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

45PS Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  45PS Datasheet HTML 1Page - Sensata Technologies, Inc. 45PS Datasheet HTML 2Page - Sensata Technologies, Inc. 45PS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 25PS, 42PS, 44PS, 45PS AND 46PS SERIES
PRESSURE SWITCHES
TECHNICAL SPECIFICATIONS
Features and Benefits
Introduction
Applications
• Hermetically Sealed Sensor
• Snap Acting/Automatic Reset
• Custom Engineered Solutions
• Factory Calibrated Setpoints
• SPST or SPDT both normally open or closed contacts
• Electrically rated to 600V (44/45PS)
• High cycle life capability (42/44PS)
• Environmental sealing is available
• High current capability
Sensata’s 25PS pressure switch family of products has been designed for direct control of electric motors and other demanding load applications
requiring precise pressure settings. Sensata’s Klixon® snap acting disc is the heart of this hermetically sealed product offering. Extended electrical
capacities and life cycles, in both environmentally sealed and unsealed configurations,
encourage usage in the most rigorous electrical protection applications.
Sensata Technologies has been a leading global supplier of pressure sensors and switches for over 50 years.
• Air Conditioning (R410a, R22, R134a, R470c, CO 2, (R333a), Ammonia
(R717)
• Fan Cycling
• High capacity compressors
• Refrigeration Industrial Systems
• Extreme load applications
• Single Pole, Double Throw (SPDT) for alarm signaling
Operating Pressure
500 psig (34 bar)
Proof Pressure*
600 psig (41 bar)
Burst Pressure
5000 psig (345 bar)
Life at Rated Current
1,000,000 cycles 0-300 psig/milliamp load
100,000 cycles 0-500 psig full amperage
Electrical Ratings
5 mA @ 9 Vdc to 2A @ 28 Vdc
5.8 FLA/34.8 LRA @ 120 Vac
2.9 FLA/15.0 LRA @ 240/277 Vac
Dielectric Strength
750 Vrms Open Contacts
1500 Vrms Terminals to Fittings (ground)
Lead Wire Material
#16 & #18 AWG 600 V 105ºC 1/32” PVC
Quick Connects .250” x 0.032” straight male spa
Others upon request; call Sensata


Similar Part No. - 45PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
45PS TI-45PS Datasheet
56Kb / 4P
25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
More results

Similar Description - 45PS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com