Electronic Components Datasheet Search
  English  ▼

X  

5TC Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 5TC
Description  20 to 50 Amp, Single–Phase, Ambient Compensated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

5TC Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  5TC Datasheet HTML 1Page - Sensata Technologies, Inc. 5TC Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 5TC SERIES
20 to 50 Amp, Single–Phase, Ambient Compensated
Introduction
Klixon® single–phase TC devices are the smallest, lightest, high performance aircraft circuit breakers available today. They represent the state-of-
the-art protection of today’s aerospace power systems. Their light weight and small size make them especially well suited for aircraft, avionics and
electronic systems.
The Klixon® trademark has set the standard for aerospace circuit breakers. For a small, light weight configuration, the TC series offers the endurance
and reliability required by exacting military specifications, and are available in standard current ratings from 1 through 50 amperes.
Features
• Miniature size
• Light weight
• Single–phase
• Ambient compensated
• Trip–free design
• Current rating: 20 to 50 amps
• Coordinated ratings
• High vibration resistance
• High interrupting capacity
• Options include: standard or auxiliary switch configuration, terminal
barriers
• Typical use: Aircraft, avionics and electronic systems
PERFORMANCE CHARACTERISTICS
Vibrations
10G minimum, 80–500 Hz (other vibration levels available)
Mechanical Shock
50G
Acceleration
10G
Weight
Standard device: 53 grams (no hardware), 58 grams (hardware)
Auxiliary device: 55 grams (no hardware), 59 grams (hardware)
Interrupt Current
20–50 amps: 4000 amps at 28 VDC
20–50 amps: 2000 amps at 115 VAC, 400 Hz
Endurance
2,500 cycles: 115 VAC, 400 Hz inductive
2,500 cycles: 28 VDC inductive
2,500 cycles: 28 VDC resistive
5,000 cycles: Mechanical, no load


Similar Description - 5TC

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBU20005 MCC-GBU20005 Datasheet
263Kb / 3P
20 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com