Electronic Components Datasheet Search
  English  ▼

X  

6TC Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 6TC
Description  2 to 25 Amp, 3–Phase, Miniature, Ambient Compensated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

6TC Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  6TC Datasheet HTML 1Page - Sensata Technologies, Inc. 6TC Datasheet HTML 2Page - Sensata Technologies, Inc. 6TC Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Temp.
Minimum Ultimate
Trip
Maximum Ultimate
Trip
Trip Time (in seconds)
200%
500%
1000%
25°C
110%
145%
4-20
0.40-2.00
0.10-0.53
-54°C
110%
165%
6-40
0.55-3.50
0.15-0.80
71°C
100%
145%
3-20
0.33-1.70
0.08-0.40
For others, please contact us. Single–phase maximum ultimate trip values apply with other two phases carrying 100% of rated current.
QUALIFICATIONS
CALIBRATION CHART
6TC14 depicted For a Standard Device
European
European Standards
Most European Aircraft OEMs
Mil–spec
MS 14154 (our 6TC2 device)
MS 14154L (our 6TC37 device)
MS 14154V (our 6TC63 device)
USA
All U.S. Aircraft OEMs
VOLTAGE DROP
Amp Rating
Max. Voltage Drop*
2
0.70
2½
0.50
3
0.40
4
0.37
5
0.35
7½
0.192
10
0.176
15
0.176
20
0.176
*Maximum voltage drop at nominal rated current.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com