Electronic Components Datasheet Search
  English  ▼

X  

CD080-MEC Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CD080-MEC
Description  MECHANICAL DEVICES DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 2500 MM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD080-MEC Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CD080-MEC Datasheet HTML 1Page - Sensata Technologies, Inc. CD080-MEC Datasheet HTML 2Page - Sensata Technologies, Inc. CD080-MEC Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| CD080-MEC
MECHANICAL DEVICES DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 2500 MM
SPECIFICATIONS
CABLE FORCES
Measurement range
0 up to 2500mm
Circumference drum
200 mm/turn
204,8 mm/turn
Sensing device
Adaptable with all our incremental or absolute encoders
Material
Body and cover - aluminum (RohS)
Measuring cable – Stainless steel
Cable diameter
0,60 mm
Standard linearity
+/- 0,05% f.s.
+/- 0,01% f.s. (optional)
Max. Velocity
10 m/s
Max. Acceleration
8 m/s2 (before cable deformation)
Weight
≈ 1500 g
Operating temperature
-20° to +80°C
Storage temperature
-30° to +80°C
Measurement range in mm
2500
Min. pull-out force
≈ 7,50 N
Max. pull-out force
≈ 11,00 N


Similar Part No. - CD080-MEC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD080-2000-R01K-L10-C SENSATA-CD080-2000-R01K-L10-C Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-K SENSATA-CD080-2000-R01K-L10-K Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-K02 SENSATA-CD080-2000-R01K-L10-K02 Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L10-L4 SENSATA-CD080-2000-R01K-L10-L4 Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
CD080-2000-R01K-L15-C SENSATA-CD080-2000-R01K-L15-C Datasheet
247Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
Revised 0612/2020
More results

Similar Description - CD080-MEC

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
R2500F WILLAS-R2500F Datasheet
454Kb / 2P
VOLTAGE RANGE 2500 to 5000 volts CURRENT 0.2 Ampere
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
logo
Nell Semiconductor Co.,...
D2060C NELLSEMI-D2060C Datasheet
227Kb / 5P
High voltage ratings up to 2500 V
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
logo
Amphenol Corporation
GRN6165 AMPHENOL-GRN6165 Datasheet
219Kb / 2P
Measurement range: 8.5% - 36.8%
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
logo
PUI audio inc.
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
List of Unclassifed Man...
USB-TEMP ETC-USB-TEMP Datasheet
920Kb / 7P
Temperature Measurement Devices
October 2018. Rev 7
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com