Electronic Components Datasheet Search
  English  ▼

X  

CD115 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CD115
Description  ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD115 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CD115 Datasheet HTML 1Page - Sensata Technologies, Inc. CD115 Datasheet HTML 2Page - Sensata Technologies, Inc. CD115 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| CD115
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
SPECIFICATIONS
Measurement range
0 up to 3000 mm
Output signal
0...10V (galvanic isolation)
4...20mA current loop
4...20mA current generator (galvanic isolation)
0...20mA current generator (galvanic isolation)
Resolution
Quasi infinite (depends on the operating system)
Material
Body and cover - aluminum (RohS)
Measuring cable – Stainless steel
Cable diameter
0,61 mm
Detection element
Precision potentiometer
Connection
Male connector M16 – DIN 8 pin
Male connector M12 – 4 pin
PVC cable – 4 wires
Standard linearity
+/- 0,15% f.s.
+/- 0,10% f.s. (optional)
Protection class
IP54 (option IP67)
Max. Velocity
10 M/S
Max. Acceleration
7 M/S2 (before cable deformation)
Weight
≈ 2000 g
Operating temperature
-20° to +80°C
Storage temperature
-30° to +80°C
Measurement range in mm
3000
Min. pull-out force
≈ 13,50 N
Max. pull-out force
≈ 18,00 N
CABLE FORCES


Similar Part No. - CD115

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD115 SENSATA-CD115 Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L10-C-AC SENSATA-CD115-3000-R01K-L10-C-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L10-K-AC SENSATA-CD115-3000-R01K-L10-K-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L10-L4-AC SENSATA-CD115-3000-R01K-L10-L4-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
CD115-3000-R01K-L15-C-AC SENSATA-CD115-3000-R01K-L15-C-AC Datasheet
221Kb / 3P
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 3000 MM
Revised 06/12/2020
More results

Similar Description - CD115

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-3000 RALSTON-GAUG-3000 Datasheet
336Kb / 1P
0-3000 psig Analog Test Gauge
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
logo
Cornell Dubilier Electr...
CDLC CDE-CDLC Datasheet
655Kb / 3P
Maximum Power Performance. Up to 3000 Farads
logo
WAGO Kontakttechnik Gmb...
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
logo
Maxim Integrated Produc...
MAX16946EVKIT MAXIM-MAX16946EVKIT Datasheet
567Kb / 8P
Analog Current-Measurement Output
Rev 0; 3/11
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
logo
Veris. All Rights Reser...
H932 VERIS-H932 Datasheet
484Kb / 2P
Current Transducers with Relay:0 to 5 Vdc Analog Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com