Electronic Components Datasheet Search
  English  ▼

X  

CDB Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CDB
Description  | DRAW WIRE SENSOR, CDB RANGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CDB Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CDB Datasheet HTML 1Page - Sensata Technologies, Inc. CDB Datasheet HTML 2Page - Sensata Technologies, Inc. CDB Datasheet HTML 3Page - Sensata Technologies, Inc. CDB Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
Copyright © 2018 Sensata Technologies, Inc.
www.sensata.com
| DRAW WIRE SENSOR, CDB RANGE
Product Description
CDB Potentiometer draw-wire sensor offer a simple and cost effective solution to measure linear movement. These sensors do not need to be precisely
guided and are especially adapted for heavy duty applications:
• Industrial solution,
• High accuracy,
• Adapted to harshest environments,
• Compact conception,
• Friendly user installation
• High Ingress Protection : IP67,
• Measuring range from 0 to 700mm,
• Recyclable noble material use (RoHS),
• Usinage dans la masse,
• Drum mounted on ball bearings,
• Used rotary sensor: multi-turn potentiometer,
• Almost-infinite resolution (in function of subsequent electronic).
SPECIFICATIONS
Range
0 to 700mm
Cable Material
Stainless Steel
Housing
Aluminum (RoHS)
Cable Diameter
1mm
Cable Tension
7N (Standard 700mm range)
Speed
5 m.s-1
Max Acceleration
20 m.s-2
Weight
1 500g
Operating Temperature
-10 to +120°C
Storage Temperature
-20 to +125°C
IP (EN 60529)
IP67
Characteristics


Similar Part No. - CDB

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
CDB FRONTER-CDB Datasheet
120Kb / 1P
DISCRIMINATOR FOR COMMUNICATION
logo
Festo Corporation.
CDB-1/2 FESTO-CDB-1/2 Datasheet
77Kb / 1P
Cover plate
CDB-1/4 FESTO-CDB-1/4 Datasheet
78Kb / 1P
Cover plate
logo
Hirose Electric
CDB-15PF HIROSE-CDB-15PF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
CDB-15SF HIROSE-CDB-15SF Datasheet
272Kb / 6P
CD CRIMP TYPE CONNECTOR
More results

Similar Description - CDB

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMT3 MSPI-ZA028MDMT3 Datasheet
133Kb / 1P
Current Draw 40mA MAX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com