Electronic Components Datasheet Search
  English  ▼

X  

NMS Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NMS
Description  6kVDC Isolated 2W Dual Output DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMS Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NMS Datasheet HTML 1Page - Murata Power Solutions Inc. NMS Datasheet HTML 2Page - Murata Power Solutions Inc. NMS Datasheet HTML 3Page - Murata Power Solutions Inc. NMS Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NMS Series
6kVDC Isolated 2W Dual Output DC-DC Converters
KDC_NMS.K01 Page 1 of 4
www.murata.com
For full details go to
www.murata.com/en-global/
products/power/rohs
www.murata.com
SELECTION GUIDE
Order Code
Nominal
Input
Voltage
Output
Voltage
Output
Current
Efficiency
Isolation
Capacitance
MTTF1
Recommended
Alternative
V
V
mA
%
pF
kHrs
NMS0505C
5
±5
±200
74
1.8
747
MEJ2D0505SC
NMS1205C
12
±5
±200
78
1.9
365
MEJ2D1205SC
NMS0509C
5
±9
±111
76
1.9
327
MEJ2D0509SC
NMS0512C
5
±12
±83
77
2.0
169
MEJ2D0512SC
NMS0515C
5
±15
±67
78
2.1
93
MEJ2D0515SC
NMS1209C
12
±9
±111
81
2.0
224
MEJ2D1209SC
NMS1212C
12
±12
±83
82
2.1
136
MEJ2D1212SC
NMS1215C
12
±15
±67
82
2.2
82
MEJ2D1215SC
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external
capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the
additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=0
°C to 70°C
2W
Voltage Set Point Accuracy
See tolerance envelope
-7.5
10
%
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation
10% load to rated load, 5V output types
10
15
%
10% load to rated load, 9V output types
6
15
10% load to rated load, 12V output types
6
15
10% load to rated load, 15V output types
6
15
Ripple and Noise
BW=DC to 20MHz, all output types
200
mV p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
6000
VDC
Resistance
Viso= 500VDC
10
GΩ
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. See derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
UL1950 recognised
Efficiency to 82%
Power density up to 0.44W/cm3
Dual outputs
Low profile package
UL 94V-0 package material
No heatsink required
Footprint 4.75cm2
6kVDC isolation
5V & 12V inputs
5V output
Internal SMD construction
Fully encapsulated with toroidal magnetics
MTTF up to 747 kHrs
PCB mounting
DESCRIPTION
The NMS series of DC-DC converters are UL1950
recognised which makes them ideal for all
telecom and safety applications where approved
isolation is required. The low profile package
allows mounting in rack systems without risk of
touching other boards. The output configuration
allows all of the rated power to be drawn from a
single pin provided the total load does not exceed
2 watts. The devices feature low noise and low
isolation capacitance suiltable for applications
in high noise environments, e.g. heavy electrical
machine interface.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
35
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
0
70
°C
Storage
-50
130
Case Temperature above
ambient
All output types
32
Cooling
Free air convection


Similar Part No. - NMS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-308 RICHCO-NMS-308 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-310 RICHCO-NMS-310 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NMS-312 RICHCO-NMS-312 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
More results

Similar Description - NMS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com