Electronic Components Datasheet Search
  English  ▼

X  

S07K150 Datasheet(PDF) 14 Page - EPCOS

Part # S07K150
Description  Leaded Varistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K150 Datasheet(HTML) 14 Page - EPCOS

Back Button S07K150 Datasheet HTML 8Page - EPCOS S07K150 Datasheet HTML 9Page - EPCOS S07K150 Datasheet HTML 10Page - EPCOS S07K150 Datasheet HTML 11Page - EPCOS S07K150 Datasheet HTML 12Page - EPCOS S07K150 Datasheet HTML 13Page - EPCOS S07K150 Datasheet HTML 14Page - EPCOS S07K150 Datasheet HTML 15Page - EPCOS S07K150 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
172 04/02
SIOV-S05K250
5,0
1,8
7,0
4,2
8,5
30,0
0,6
SIOV-S07K250
5,0
1,8
9,0
4,2
11,0
30,0
0,6
SIOV-S10K250
7,5 (5)
2,0 (1,8)
12,0
4,8 (4,4)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K250
7,5
2,0
15,5
4,8
18,5
30,0
0,8
SIOV-S20K250
10,0
2,2
21,5
5,3
25,5
30,0
1,0
SIOV-S05K275
5,0
2,0
7,0
4,3
8,5
30,0
0,6
SIOV-S07K275
5,0
2,0
9,0
4,4
11,0
30,0
0,6
SIOV-S10K275
7,5 (5)
2,2 (2,0)
12,0
5,0 (4,6)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K275
7,5
2,2
15,5
5,0
18,5
30,0
0,8
SIOV-S20K275
10,0
2,3
21,5
5,4
25,5
30,0
1,0
SIOV-S05K300
5,0
2,1
7,0
4,5
8,5
30,0
0,6
SIOV-S07K300
5,0
2,1
9,0
4,5
11,0
30,0
0,6
SIOV-S10K300
7,5 (5)
2,3 (2,1)
12,0
5,1 (4,7)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K300
7,5
2,3
15,5
5,2
18,5
30,0
0,8
SIOV-S20K300
10,0
2,4
21,5
5,6
25,5
30,0
1,0
SIOV-S10K320
7,5
2,4
12,0
5,4
15,0
30,0
0,8
SIOV-S14K320
7,5
2,4
15,5
5,4
19,0
30,0
0,8
SIOV-S20K320
10,0
2,6
21,5
5,8
25,5
30,0
1,0
SIOV-S05K385
5,0
2,5
7,0
5,1
9,0
30,0
0,6
SIOV-S07K385
5,0
2,5
9,0
5,2
11,5
30,0
0,6
SIOV-S10K385
7,5
2,7
12,0
5,8
15,0
30,0
0,8
SIOV-S14K385
7,5
2,7
15,5
5,9
19,0
30,0
0,8
SIOV-S20K385
10,0
2,8
21,5
6,3
26,0
30,0
1,0
SIOV-S05K420
5,0
2,8
7,0
5,4
9,0
30,0
0,6
SIOV-S07K420
5,0
2,8
9,0
5,4
11,5
30,0
0,6
SIOV-S10K420
7,5
2,9
12,0
6,1
15,0
30,0
0,8
SIOV-S14K420
7,5
2,9
15,5
6,1
19,0
30,0
0,8
SIOV-S20K420
10,0
3,1
21,5
6,5
26,0
30,0
1,0
SIOV-S05K440
5,0
2,8
7,0
5,5
9,0
30,0
0,6
SIOV-S07K440
5,0
2,8
9,0
5,5
11,5
30,0
0,6
SIOV-S10K440
7,5
3,0
12,0
6,2
15,0
30,0
0,8
SIOV-S14K440
7,5
3,0
15,5
6,3
19,0
30,0
0,8
SIOV-S20K440
10,0
3,1
21,5
6,7
26,0
30,0
1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter “Taping”, page 206 ff.
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
StandarD Series
Leaded Varistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com