Electronic Components Datasheet Search
  English  ▼

X  

3AB375 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3AB375
Description  Fast Blow Fuse Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3AB375 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3AB375 Datasheet HTML 1Page - Bel Fuse Inc. 3AB375 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
it
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
0
1
)
P
(
B
A
3R
-A
m
0
0
15
.
2
15
.
42
0
0
.
02
0
0
.
09
5
.
0
5
2
1
)
P
(
B
A
3R
-A
m
5
2
10
.
2
15
.
44
0
0
.
03
0
0
.
04
7
.
0
0
6
1
)
P
(
B
A
3R
-A
m
0
6
13
.
82
.
48
0
0
.
05
0
0
.
07
8
.
0
0
0
2
)
P
(
B
A
3R
-A
m
0
0
27
.
59
.
34
1
0
.
00
1
0
.
02
0
.
1
0
5
2
)
P
(
B
A
3R
-A
m
0
5
29
.
36
.
35
2
0
.
07
1
0
.
09
1
.
1
0
0
3
)
P
(
B
A
3R
-A
m
0
0
37
.
24
.
34
4
0
.
02
3
0
.
00
4
.
1
5
7
3
)
P
(
B
A
3R
-A
m
5
7
30
.
22
.
37
0
.
05
0
.
08
5
.
1
0
0
5
)
P
(
B
A
3R
-A
m
0
0
55
7
.
01
.
14
1
.
00
1
.
02
9
.
1
0
5
7
)
P
(
B
A
3R
-A
m
0
5
74
2
.
02
.
05
7
.
04
7
.
00
3
.
0
1
)
P
(
B
A
3R
-A
16
1
.
03
2
.
03
4
.
14
4
.
17
3
.
0
5
2
.
1
)
P
(
B
A
3R
-A
5
2
.
14
1
1
.
01
2
.
05
4
.
21
5
.
24
4
.
0
6
.
1
)
P
(
B
A
3R
-A
6
.
14
8
0
.
00
2
.
02
.
44
.
41
5
.
0
2
)
P
(
B
A
3R
-A
23
6
0
.
08
1
.
02
.
76
.
79
5
.
0
5
.
2
)
P
(
B
A
3R
-A
5
.
27
4
0
.
00
7
1
.
02
13
10
7
.
0
3
)
P
(
B
A
3R
-A
35
3
0
.
02
6
1
.
01
23
23
8
.
0
5
.
3
)
P
(
B
A
3R
-A
5
.
30
3
0
.
07
5
1
.
08
21
31
9
.
0
4
)
P
(
B
A
3R
-A
46
2
0
.
04
5
1
.
06
30
40
.
1
5
)
P
(
B
A
3R
-A
50
2
0
.
06
4
1
.
03
60
72
.
1
6
)
P
(
B
A
3R
-A
65
1
0
.
09
3
1
.
07
0
13
2
14
.
1
7
)
P
(
B
A
3R
-A
73
1
0
.
05
3
1
.
01
4
12
6
16
.
1
8
)
P
(
B
A
3R
-A
82
1
0
.
02
3
1
.
04
8
14
1
27
.
1
0
1
)
P
(
B
A
3R
-A
0
19
0
0
.
05
2
1
.
06
1
32
7
30
.
2
2
1
)
P
(
B
A
3R
-A
2
18
0
0
.
00
6
1
.
01
0
57
9
53
.
2
5
1
)
P
(
B
A
3R
-A
5
16
0
0
.
00
4
1
.
05
4
83
2
0
17
.
2
0
2
)
P
(
B
A
3R
-A
0
24
0
0
.
00
2
1
.
08
9
5
18
6
9
10
.
3
g
n
i
t
s
e
T
t
n
e
r
r
u
C
e
m
i
T
w
o
l
B
e
g
n
a
R
p
m
A
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.
s
r
H
4A
/
NA
1
.
0A
0
2
-
%
5
3
1A
/
Nr
H
1A
1
.
0A
0
1
-
%
0
0
2
A
/
Nc
e
s
5A
1
.
0A
0
1
-
A
/
Nc
e
s
0
2
1A
2
1A
0
2
-
Approvals
Consult manufacturer for other ratings
Mechanical Dimensions
Type 3AB / 3ABP
Fast Blow Fuse Series
1/4 x 1 1/4 inch Ceramic Tube
3ABD0806
E3ABDC060803A1
Electrical Characteristics (UL/CSA STD. 248-14)
ußpc
0.250"
± 0.004"
(6.35
± 0.1mm)
1.28"
± 0.03"
(32.5
± 0.8mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
1.5"
± 0.08"
(38.1
± 2mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.25"
± 0.03"
(31.8
± 0.8mm)
3ABP
3AB
61
RoHS Compliant Product
For RoHS compliant version , add suffix “ R “ after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Ceramic body / Nickel Plated Brass Caps
Lead wire:
Tin plated Copper, Diameter 0.040" for all ratings
Marking
On fuse:
“bel”,“3AB”,“Current Rating”,“Voltage Rating”,
“Appropriate Safety Logos”,“✔” (RoHS Version)
On label:
“bel”,“3AB” or “3ABP”,“Current Rating”,“Voltage Rating”,
“Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Voltage on fuse:
125V and 250V for 750mA - 20A rating,
250V for below 750mA rating
Packaging
1. In bulk:
3AB - 1,000 pcs per box; 3ABP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3. Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 73mm inside Tape Spacing
RoHS Compliant
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
/
B
A
3
P
B
A
3
A
m
0
0
1
.
A
1
> .
A
5
.
3
>
.
A
m
0
0
1
.
A
5
3
@
C
A
V
0
5
2
/
A
1
-
A
0
0
1
@
C
A
V
0
5
2
/
A
5
.
3
-
A
0
0
2
@
C
A
V
0
5
2
/
A
0
1
-
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
0
1
-
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
A
0
1
>
A
5
1
>
A
0
1
>
A
0
5
7
@
C
A
V
0
5
2
/
A
5
1
-
A
0
0
5
,
1
@
C
A
V
0
5
2
/
A
0
2
-
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
0
2
-
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
B
A
3
P
B
A
3
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FB
A
3A
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
ß
p
u
u


Similar Part No. - 3AB375

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3AB375-R BEL-3AB375-R Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
3AB375-R BEL-3AB375-R Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
More results

Similar Description - 3AB375

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
Fast Blow Fuse Series
8AG BEL-8AG Datasheet
84Kb / 2P
Fast Blow Fuse Series
3AG BEL-3AG Datasheet
402Kb / 2P
Fast Blow Fuse Series
0601-0100-33 BEL-0601-0100-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
0601-1000-33 BEL-0601-1000-33 Datasheet
89Kb / 2P
Fast Blow Fuse Series
3AB BEL-3AB_13 Datasheet
1Mb / 4P
Fast Blow Fuse Series
5MF BEL-5MF_13 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
3AG BEL-3AG_13 Datasheet
1Mb / 4P
Fast Blow Fuse Series
3AB BEL-3AB_17 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
5MF BEL-5MF_16 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com