Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC856
Description  Ideally suited for automatic insertion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC856 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC856 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC856 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC856 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC856 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C85xx-SERIES
B
TRANSISTOR(PNP)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
BC856
BC857
BC858
VCBO
IC= -10μA, IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC856
BC857
BC858
VCEO
IC= -10mA, IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -1μA, IC=0
-5
V
Collector cut-off current
BC856
BC857
BC858
ICBO
VCB= -70 V , IE=0
VCB= -45 V , IE=0
VCB= -25 V , IE=0
-0.1
μA
Collector cut-off current
BC856
BC857
BC858
ICEO
VCE= -60 V , IB=0
VCE= -40 V , IB=0
VCE= -25 V , IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5 V , IC=0
-0.1
μA
DC current gain
BC856
BC856B, 857B,858B
BC857C,BC858C
hFE
VCE= -5V,IC= -2mA
125
220
420
250
475
800
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB= -5 mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB= -5mA
-1.1
V
Transition frequency
fT
VCE= -5 V, IC= -10mA
f=100MHz
100
MHz
Collector capacitance
Cob
VCB=-10V, f=1MHz
4.5
pF
BC856A, 857A,858A
BC857
125
475
125
800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com